Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/P Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 54Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 55Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 56Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 57Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 58Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 59Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 60Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 61Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 234 page
background image
PIC24HJ12GP201/202
DS70282B-page 56
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 6-3:
INTCON1: INTERRUPT CONTROL REGISTER 1
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
NSTDIS
—
—
—
—
—
—
—
bit 15
bit 8
U-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
—DIV0ERR
—
MATHERR
ADDRERR
STKERR
OSCFAIL
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
NSTDIS: Interrupt Nesting Disable bit
1 = Interrupt nesting is disabled
0 = Interrupt nesting is enabled
bit 14-7
Unimplemented: Read as ‘0’.
bit 6
DIV0ERR: Arithmetic Error Status bit
1 = Math error trap was caused by a divide by zero
0 = Math error trap was not caused by a divide by zero
bit 5
Unimplemented: Read as ‘0’
bit 4
MATHERR: Arithmetic Error Status bit
1 = Math error trap has occurred
0 = Math error trap has not occurred
bit 3
ADDRERR: Address Error Trap Status bit
1 = Address error trap has occurred
0 = Address error trap has not occurred
bit 2
STKERR: Stack Error Trap Status bit
1 = Stack error trap has occurred
0 = Stack error trap has not occurred
bit 1
OSCFAIL: Oscillator Failure Trap Status bit
1 = Oscillator failure trap has occurred
0 = Oscillator failure trap has not occurred
bit 0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com