Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/P Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 22Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 23Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 24Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 25Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 26Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 27Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 28Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 29Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 234 page
background image
TABLE 3-5:
TIMER REGISTER MAP
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TMR1
0100
Timer1 Register
xxxx
PR1
0102
Period Register 1
FFFF
T1CON
0104
TON
—
TSIDL
—
—
—
—
—
—
TGATE
TCKPS<1:0>
—
TSYNC
TCS
—
0000
TMR2
0106
Timer2 Register
xxxx
TMR3HLD
0108
Timer3 Holding Register (for 32-bit timer operations only)
xxxx
TMR3
010A
Timer3 Register
xxxx
PR2
010C
Period Register 2
FFFF
PR3
010E
Period Register 3
FFFF
T2CON
0110
TON
—
TSIDL
—
—
—
—
—
—
TGATE
TCKPS<1:0>
T32
—
TCS
—
0000
T3CON
0112
TON
—
TSIDL
—
—
—
—
—
—
TGATE
TCKPS<1:0>
—
—
TCS
—
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 3-6:
INPUT CAPTURE REGISTER MAP
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
IC1BUF
0140
Input 1 Capture Register
xxxx
IC1CON
0142
—
—
ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000
IC2BUF
0144
Input 2 Capture Register
xxxx
IC2CON
0146
—
—
ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000
IC7BUF
0158
Input 7 Capture Register
xxxx
IC7CON
015A
—
—
ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000
IC8BUF
015C
Input 8Capture Register
xxxx
IC8CON
015E
—
—
ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 3-7:
OUTPUT COMPARE REGISTER MAP
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
OC1RS
0180
Output Compare 1 Secondary Register
xxxx
OC1R
0182
Output Compare 1 Register
xxxx
OC1CON
0184
—
—
OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000
OC2RS
0186
Output Compare 2 Secondary Register
xxxx
OC2R
0188
Output Compare 2 Register
xxxx
OC2CON
018A
—
—
OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com