Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/P Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 25Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 26Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 27Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 28Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 29Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 30Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 31Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 32Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 234 page
background image
TABLE 3-14:
ADC1 REGISTER MAP FOR PIC24HJ12GP201
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ADC1BUF0
0300
ADC Data Buffer 0
xxxx
ADC1BUF1
0302
ADC Data Buffer 1
xxxx
ADC1BUF2
0304
ADC Data Buffer 2
xxxx
ADC1BUF3
0306
ADC Data Buffer 3
xxxx
ADC1BUF4
0308
ADC Data Buffer 4
xxxx
ADC1BUF5
030A
ADC Data Buffer 5
xxxx
ADC1BUF6
030C
ADC Data Buffer 6
xxxx
ADC1BUF7
030E
ADC Data Buffer 7
xxxx
ADC1BUF8
0310
ADC Data Buffer 8
xxxx
ADC1BUF9
0312
ADC Data Buffer 9
xxxx
ADC1BUFA
0314
ADC Data Buffer 10
xxxx
ADC1BUFB
0316
ADC Data Buffer 11
xxxx
ADC1BUFC
0318
ADC Data Buffer 12
xxxx
ADC1BUFD
031A
ADC Data Buffer 13
xxxx
ADC1BUFE
031C
ADC Data Buffer 14
xxxx
ADC1BUFE
031E
ADC Data Buffer 15
xxxx
AD1CON1
0320
ADON
—ADSIDL
—
—
AD12B
FORM<1:0>
SSRC<2:0>
—
SIMSAM
ASAM
SAMP
DONE
0000
AD1CON2
0322
VCFG<2:0>
—
—
CSCNA
CHPS<1:0>
BUFS
—
SMPI<3:0>
BUFM
ALTS
0000
AD1CON3
0324
ADRC
—
—
SAMC<4:0>
—
—
ADCS<5:0>
0000
AD1CHS123
0326
—
—
—
—
—
CH123NB<1:0>
CH123SB
—
—
—
—
—
CH123NA<1:0>
CH123SA
0000
AD1CHS0
0328
CH0NB
—
—
CH0SB<4:0>
CH0NA
—
—
CH0SA<4:0>
0000
AD1PCFGL
032C
—
—
—
—
—
—
—
—
—
—
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
0000
AD1CSSL
0330
—
—
—
—
—
—
—
—
—
—
CSS5
CSS4
CSS3
CSS2
CSS1
CSS0
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com