Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/P Datasheet(PDF) 169 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 169 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 165Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 166Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 167Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 168Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 169Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 170Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 171Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 172Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 167
PIC24HJ12GP201/202
18.4
Watchdog Timer (WDT)
For PIC24HJ12GP201/202 devices, the WDT is driven
by the LPRC oscillator. When the WDT is enabled, the
clock source is also enabled.
18.4.1
PRESCALER/POSTSCALER
The nominal WDT clock source from LPRC is 32 kHz.
This feeds a prescaler than can be configured for either
5-bit (divide-by-32) or 7-bit (divide-by-128) operation.
The prescaler is set by the WDTPRE Configuration bit.
With a 32 kHz input, the prescaler yields a nominal
WDT time-out period (TWDT) of 1 ms in 5-bit mode, or
4 ms in 7-bit mode.
A variable postscaler divides down the WDT prescaler
output and allows for a wide range of time-out periods.
The postscaler is controlled by the WDTPOST<3:0>
Configuration bits (FWDT<3:0>), which allow the selec-
tion of 16 settings, from 1:1 to 1:32,768. Using the pres-
caler and postscaler, time-out periods ranging from
1 ms to 131 seconds can be achieved.
The WDT, prescaler and postscaler are reset:
• On any device Reset
• On the completion of a clock switch, whether
invoked by software (i.e., setting the OSWEN bit
after changing the NOSC bits) or by hardware
(i.e., fail-safe clock monitor)
• When a PWRSAV instruction is executed
(i.e., Sleep or Idle mode is entered)
• When the device exits Sleep or Idle mode to
resume normal operation
•By a CLRWDT instruction during normal execution
18.4.2
SLEEP AND IDLE MODES
If the WDT is enabled, it will continue to run during
Sleep or Idle modes. When the WDT time-out occurs,
the device will wake the device and code execution will
continue from where the PWRSAV instruction was
executed. The corresponding SLEEP or IDLE bits
(RCON<3,2>) will need to be cleared in software after
the device wakes up.
18.4.3
ENABLING WDT
The WDT is enabled or disabled by the FWDTEN
Configuration bit in the FWDT Configuration register.
When the FWDTEN Configuration bit is set, the WDT is
always enabled.
The WDT flag bit, WDTO (RCON<4>), is not automatically
cleared following a WDT time-out. To detect subsequent
WDT events, the flag must be cleared in software.
The WDT can be optionally controlled in software when
the FWDTEN Configuration bit has been programmed
to ‘0’. The WDT is enabled in software by setting the
SWDTEN control bit (RCON<5>). The SWDTEN
control bit is cleared on any device Reset. The software
WDT option allows the user application to enable the
WDT for critical code segments and disable the WDT
during non-critical segments for maximum power sav-
ings.
FIGURE 18-2:
WDT BLOCK DIAGRAM
Note:
The CLRWDT and PWRSAV instructions
clear the prescaler and postscaler counts
when executed.
Note:
If the WINDIS bit (FWDT<6>) is cleared, the
CLRWDT instruction should be executed by
the application software only during the last
1/4 of the WDT period. This CLRWDT
window can be determined by using a timer.
If a CLRWDT instruction is executed before
this window, a WDT Reset occurs.
All Device Resets
Transition to New Clock Source
Exit Sleep or Idle Mode
PWRSAV Instruction
CLRWDT Instruction
0
1
WDTPRE
WDTPOST<3:0>
Watchdog Timer
Prescaler
(divide by N1)
Postscaler
(divide by N2)
Sleep/Idle
WDT
WDT Window Select
WINDIS
WDT
CLRWDT Instruction
SWDTEN
FWDTEN
LPRC Clock
RS
RS
Wake-up
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com