Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/P Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 181Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 182Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 183Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 184Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 185Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 186Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 187Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 188Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 183
PIC24HJ12GP201/202
21.0 ELECTRICAL CHARACTERISTICS
This section provides an overview of PIC24HJ12GP201/202 electrical characteristics. Additional information will be
provided in future revisions of this document as it becomes available.
Absolute maximum ratings for the PIC24HJ12GP201/202 family are listed below. Exposure to these maximum rating
conditions for extended periods can affect device reliability. Functional operation of the device at these or any other
conditions above the parameters indicated in the operation listings of this specification is not implied.
Absolute Maximum Ratings(1)
Ambient temperature under bias.............................................................................................................-40°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +4.0V
Voltage on any combined analog and digital pin and MCLR, with respect to VSS ......................... -0.3V to (VDD + 0.3V)
Voltage on any digital-only pin with respect to VSS .................................................................................. -0.3V to +5.6V
Voltage on VDDCORE with respect to VSS ................................................................................................ 2.25V to 2.75V
Maximum current out of VSS pin ...........................................................................................................................300 mA
Maximum current into VDD pin(2)...........................................................................................................................250 mA
Maximum output current sunk by any I/O pin(3) ........................................................................................................4 mA
Maximum output current sourced by any I/O pin(3)...................................................................................................4 mA
Maximum current sunk by all ports .......................................................................................................................200 mA
Maximum current sourced by all ports(2)...............................................................................................................200 mA
Note 1: Stresses above those listed under “Absolute Maximum Ratings” can cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions
above those indicated in the operation listings of this specification is not implied. Exposure to maximum
rating conditions for extended periods can affect device reliability.
2: Maximum allowable current is a function of device maximum power dissipation (see Table 21-2).
3: Exceptions are CLKOUT, which is able to sink/source 25 mA, and the VREF+, VREF-, SCLx, SDAx, PGCx
and PGDx pins, which are able to sink/source 12 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com