Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32GP202-E/ML Datasheet(PDF) 27 Page - Microchip Technology

Part # DSPIC33FJ32GP202-E/ML
Description  High-Performance, 16-Bit Microcontrollers
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202-E/ML Datasheet(HTML) 27 Page - Microchip Technology

Back Button DSPIC33FJ32GP202-E/ML Datasheet HTML 23Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 24Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 25Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 26Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 27Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 28Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 29Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 30Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 252 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70290A-page 25
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
3.0
MEMORY ORGANIZATION
The
dsPIC33FJ32GP202/204
and
dsPIC33FJ16GP304 architecture features separate
program and data memory spaces and buses. This
architecture also allows the direct access of program
memory from the data space during code execution.
3.1
Program Address Space
The
program
address
memory
space
of
the
dsPIC33FJ32GP202/204
and
dsPIC33FJ16GP304
devices is 4M instructions. The space is addressable by a
24-bit value derived either from the 23-bit Program Counter
(PC) during program execution, or from table operation
or data space remapping as described in Section 3.6
“Interfacing Program and Data Memory Spaces”.
User application access to the program memory space is
restricted to the lower half of the address range (0x000000
to 0x7FFFFF). The exception is the use of TBLRD/TBLWT
operations, which use TBLPAG<7> to permit access to the
Configuration bits and Device ID sections of the configura-
tion memory space.
The memory maps for the dsPIC33FJ32GP202/204 and
dsPIC33FJ16GP304 devices are shown in Figure 3-1.
FIGURE 3-1:
PROGRAM MEMORY FOR dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
DEVICES
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ32GP202/204
and
dsPIC33FJ16GP304 devices. It is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to the “dsPIC33F
Family Reference Manual”.
Reset Address
0x000000
0x0000FE
0x000002
0x000100
Device Configuration
User Program
Flash Memory
0x005800
0x0057FE
(11264 instructions)
0x800000
0xF80000
Registers
0xF80017
0xF80018
DEVID (2)
0xFEFFFE
0xFF0000
0xFFFFFE
0xF7FFFE
Unimplemented
(Read ‘0’s)
GOTO Instruction
0x000004
Reserved
0x7FFFFE
Reserved
0x000200
0x0001FE
0x000104
Alternate Vector Table
Reserved
Interrupt Vector Table
dsPIC33FJ32GP202/204
Reset Address
0x000000
0x0000FE
0x000002
0x000100
Device Configuration
User Program
Flash Memory
0x002C00
0x002BFE
(5632 instructions)
0x800000
0xF80000
Registers
0xF80017
0xF80018
DEVID (2)
0xFEFFFE
0xFF0000
0xFFFFFE
0xF7FFFE
Unimplemented
(Read ‘0’s)
GOTO Instruction
0x000004
Reserved
0x7FFFFE
Reserved
0x000200
0x0001FE
0x000104
Alternate Vector Table
Reserved
Interrupt Vector Table
dsPIC33FJ16GP304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com