Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32GP202-E/ML Datasheet(PDF) 29 Page - Microchip Technology

Part # DSPIC33FJ32GP202-E/ML
Description  High-Performance, 16-Bit Microcontrollers
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202-E/ML Datasheet(HTML) 29 Page - Microchip Technology

Back Button DSPIC33FJ32GP202-E/ML Datasheet HTML 25Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 26Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 27Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 28Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 29Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 30Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 31Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 32Page - Microchip Technology DSPIC33FJ32GP202-E/ML Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 252 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70290A-page 27
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
3.2
Data Address Space
The
dsPIC33FJ32GP202/204
and
dsPIC33FJ16GP304 CPU has a separate 16-bit-wide
data memory space. The data space is accessed using
separate Address Generation Units (AGUs) for read
and write operations. The data memory maps is shown
in Figure 3-3.
All Effective Addresses (EAs) in the data memory space
are 16 bits wide and point to bytes within the data space.
This arrangement gives a data space address range of
64 Kbytes or 32K words. The lower half of the data
memory space (that is, when EA<15> = 0) is used for
implemented memory addresses, while the upper half
(EA<15> = 1) is reserved for the Program Space
Visibility area (see Section 3.6.3 “Reading Data From
Program Memory Using Program Space Visibility”).
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
devices implement up to 30 Kbytes of data memory.
Should an EA point to a location outside of this area, an
all-zero word or byte will be returned.
3.2.1
DATA SPACE WIDTH
The data memory space is organized in byte address-
able, 16-bit-wide blocks. Data is aligned in data
memory and registers as 16-bit words, but all data
space EAs resolve to bytes. The Least Significant
Bytes (LSBs) of each word have even addresses, while
the Most Significant Bytes (MSBs) have odd
addresses.
3.2.2
DATA MEMORY ORGANIZATION
AND ALIGNMENT
To maintain backward compatibility with PIC® MCU
devices and improve data space memory usage
efficiency,
the
dsPIC33FJ32GP202/204
and
dsPIC33FJ16GP304 instruction set supports both
word and byte operations. As a consequence of byte
accessibility, all effective address calculations are inter-
nally scaled to step through word-aligned memory. For
example, the core recognizes that Post-Modified
Register Indirect Addressing mode [Ws++] will result in
a value of Ws + 1 for byte operations and Ws + 2 for
word operations.
Data byte reads will read the complete word that
contains the byte, using the LSB of any EA to deter-
mine which byte to select. The selected byte is placed
onto the LSB of the data path. That is, data memory
and registers are organized as two parallel byte-wide
entities with shared (word) address decode but sepa-
rate write lines. Data byte writes only write to the corre-
sponding side of the array or register that matches the
byte address.
All word accesses must be aligned to an even address.
Misaligned word data fetches are not supported, so
care must be taken when mixing byte and word opera-
tions, or translating from 8-bit MCU code. If a mis-
aligned read or write is attempted, an address error
trap is generated. If the error occurred on a read, the
instruction underway is completed. If the instruction
occurred on a write, the instruction is executed but the
write does not occur. In either case, a trap is then exe-
cuted, allowing the system and/or user application to
examine the machine state prior to execution of the
address Fault.
All byte loads into any W register are loaded into the
Least Significant Byte. The Most Significant Byte is not
modified.
A sign-extend instruction (SE) is provided to allow
users to translate 8-bit signed data to 16-bit signed
values. Alternatively, for 16-bit unsigned data, user
applications can clear the MSB of any W register by
executing a zero-extend (ZE) instruction on the
appropriate address.
3.2.3
SFR SPACE
The first 2 Kbytes of the Near Data Space, from 0x0000
to 0x07FF, is primarily occupied by Special Function
Registers
(SFRs).
These
are
used
by
the
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
core and peripheral modules for controlling the
operation of the device.
SFRs are distributed among the modules that they
control, and are generally grouped together by module.
Much of the SFR space contains unused addresses;
these are read as ‘0’. A complete listing of implemented
SFRs, including their addresses, is shown in Table 3-1
through Table 3-22.
3.2.4
NEAR DATA SPACE
The 8 Kbyte area between 0x0000 and 0x1FFF is
referred to as the Near Data Space. Locations in this
space are directly addressable via a 13-bit absolute
address field within all memory direct instructions.
Additionally, the whole data space is addressable using
MOV instructions, which support Memory Direct
Addressing mode with a 16-bit address field, or by
using Indirect Addressing mode using a working
register as an address pointer.
Note:
The actual set of peripheral features and
interrupts varies by the device. Refer to
the corresponding device tables and
pinout
diagrams
for
device-specific
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com