Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UMA1015M/C2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UMA1015M/C2
Description  Low-power dual frequency synthesizer for radio communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1015M/C2 Datasheet(HTML) 5 Page - NXP Semiconductors

  UMA1015M/C2 Datasheet HTML 1Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 2Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 3Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 4Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 5Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 6Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 7Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 8Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1995 Jun 22
5
Philips Semiconductors
Product specification
Low-power dual frequency synthesizer
for radio communications
UMA1015M
Table 1
Synthesizer ratio of reference divider
Phase comparators
For each synthesizer, the outputs of the main and
reference dividers drive a phase comparator where a
charge pump produces phase error current pulses for
integration in an external loop filter. The charge pump
current is set by an external resistance RSET at pin ISET,
where a temperature-independent voltage of 1.2 V is
generated. RSET should be between 12 kΩ and 60 kΩ (to
give an ISET of 100 µA and 20 µA respectively).
The charge-pump current, ICP, can be programmed to be
either (12
× ISET) or (24 × ISET) with the maximum being
2.4 mA. The dead zone, caused by finite switching of
current pulses, is cancelled by an internal delay in the
phase detector thus giving improved linearity. The charge
pump has a separate supply, VCC, which helps to reduce
the interference on the charge pump output from other
parts of the circuit. Also, VCC can be higher than VDD1 if a
wider range on the VCO input is required. VCC must not be
less than VDD1.
Voltage doubler
If required, there is a voltage doubler on-chip to supply the
charge pumps at a higher level than the nominal available
supply. The doubler operates from the digital supply VDD1,
and is internally limited to a maximum output of 6 V.
An external capacitor is required on pin VCC for smoothing,
the capacitor required to develop the extra voltage is
integrated on-chip. To minimize the noise being introduced
to the charge pump output from the voltage doubler, the
doubler clock is suppressed (provided both loops are
in-lock) for the short time that the charge pumps are active.
The doubler clock (RF/64) is derived from whichever main
divider is operating (synthesizer A has priority). While both
synthesizers are powered down (and the doubler is
enabled), the doubler clock is supplied by a low-current
internal oscillator. The doubler can be disabled by
programming the bit VDON to logic 0, in order to allow an
external charge pump supply to be used.
Out-of-lock indication/output ports
There is a lock detector on-chip for each synthesizer. The
lock condition of each, or both loops, is output via an
open-drain transistor which drives the pin P0/OOL (when
out-of-lock, the transistor is turned on and therefore the
SR
SYNTHESIZER A
SYNTHESIZER B
0R
R
1R
2R
output is forced LOW). The lock condition output is
software selectable (see Table 4). An out-of-lock condition
is flagged when the phase error is greater than T00L, the
value of which is approximately equal to 80 cycles of the
relevant RF input. The out-of-lock flag is only released
after 8 consecutive reference cycles where the phase error
is less than T00L. The out-of-lock function can be disabled,
via the serial bus, and the pin P0/OOL can be used as an
output port. Three other port outputs P1, P2 and P3
(open-drain transistors) are also available.
Serial programming bus
A simple 3-line unidirectional serial bus is used to program
the circuit. The 3 lines are DATA, CLK and E (enable). The
data sent to the device is loaded in bursts framed by E.
Programming clock edges are ignored until E goes active
LOW. The programmed information is loaded into the
addressed latch when E returns inactive HIGH. This is
allowed when CLK is in either state without causing any
consequences to the register data. Only the last 21 bits
serially clocked into the device are retained within the
programming register. Additional leading bits are ignored,
and no check is made on the number of clock pulses. The
fully static CMOS design uses virtually no current when the
bus is inactive. It can always capture new programming
data even during power-down of both synthesizers.
However when either synthesizer A or synthesizer B or
both are powered-on, the presence of a TCXO signal is
required at pin 8 (fXTALIN) for correct programming.
Data format
Data is entered with the most significant bit first. The
leading bits make up the data field, while the trailing four
bits are an address field. The address bits are decoded on
the rising edge of E. This produces an internal load pulse
to store the data in the addressed latch. To ensure that
data is correctly loaded on first power-up, E should be held
LOW and only taken HIGH after having programmed an
appropriate register. To avoid erroneous divider ratios, the
pulse is inhibited during the period when data is read by
the frequency dividers. This condition is guaranteed by
respecting a minimum E pulse width after data transfer.
The data format and register bit allocations are shown in
Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com