Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UMA1015M/C2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UMA1015M/C2
Description  Low-power dual frequency synthesizer for radio communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1015M/C2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UMA1015M/C2 Datasheet HTML 6Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 7Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 8Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 9Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 10Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 11Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 12Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 13Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1995 Jun 22
10
Philips Semiconductors
Product specification
Low-power dual frequency synthesizer
for radio communications
UMA1015M
SERIAL TIMING CHARACTERISTICS
VDD1 =3V; Tamb =25 °C unless otherwise specified.
Logic input signal levels; DATA, CLK, E and HPD
VIH
HIGH level input voltage
at logic 1
0.7VDD1
−
VDD1 + 0.3
V
VIL
LOW level input voltage
at logic 0
−0.3
−
0.3VDD1
V
Ibias
input bias currents
at logic 1 or logic 0
−5
−
+5
µA
CI
input capacitance
indicative, not tested
−
1
−
pF
Port outputs/Out-of-lock; P0/OOL, P1, P2, P3 and fXTALO - open drain outputs
VOL
LOW level output voltage
Isink = 0.4 mA
−−
0.4
V
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Serial programming clock; CLK
tr, tf
input rise and fall times
−
10
40
ns
tcy
clock period
100
−−
ns
Enable programming; E
tSTART
delay to rising clock edge
40
−−
ns
tEND
delay from last falling clock edge
−20
−−
ns
tW
minimum inactive pulse width
4000
−−
ns
tSU;E
enable set-up time to next clock edge
20
−−
ns
Register serial input data; DATA
tSU;DAT
input data to clock set-up time
20
−−
ns
tHD;DAT
input data to clock hold time
20
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.3 Serial bus timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com