Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UMA1015M/C2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UMA1015M/C2
Description  Low-power dual frequency synthesizer for radio communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1015M/C2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UMA1015M/C2 Datasheet HTML 5Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 6Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 7Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 8Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 9Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 10Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 11Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 12Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1995 Jun 22
9
Philips Semiconductors
Product specification
Low-power dual frequency synthesizer
for radio communications
UMA1015M
RF main divider input; RFA and RFB
fRF
RF input frequency
50
−
1100
MHz
VRF(rms)
RF input signal voltage
(RMS value; AC coupled)
Rs =50 Ω;
VDD1 =VDD2 = 2.6 to 3.5 V;
fRF = 400 to 1100 MHz
50
−
250
mV
Rs =50 Ω;
VDD1 =VDD2 = 3.5 to 5.5 V;
fRF = 400 to 1100 MHz
100
−
250
mV
Rs =50 Ω;
VDD1 =VDD2 = 2.6 to 5.5 V;
fRF = 50 to 400 MHz
150
−
400
mV
ZI
input impedance
(real part)
fRF = 1 GHz;
indicative, not tested
−
300
−Ω
CI
input capacitance
indicative, not tested
−
1
−
pF
Rpm
principle main divider ratio
512
−
131071
Reference divider input; fXTALIN
fXTALIN
reference input frequency
from crystal
3
−
35
MHz
VXTALIN(rms) sinusoidal input voltage
(RMS value)
100
−
500
mV
ZI
input impedance
(real part)
fXTALIN = 12.8 MHz;
indicative, not tested
−
10
−
k
Ω
CI
input capacitance
indicative, not tested
−
1
−
pF
Rrd
reference divider ratio
8
−
4095
Charge pump current setting resistor input; ISET
VSET
voltage output on ISET
RSET =12to60kΩ−
1.2
−
V
Charge pump outputs; CPA and CPB
ICP
charge pump sink or
source current
RSET =15kΩ;
CRA/CRB = logic 1;
Icp =ISET × 24;
Vcp =0.4VtoVCC − 0.5 V
1.4
1.9
2.4
mA
RSET =15kΩ;
CRA/CRB = logic 0;
Icp =ISET × 12;
Vcp =0.4VtoVCC − 0.5 V
0.7
0.96
1.2
mA
ILI
charge pump off leakage
current
Vcp = 0.5VCC
−5
−
+5
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com