Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSL1101WBAW1CS2 Datasheet(PDF) 9 Page - Rohm

Part # CSL1101WBAW1CS2
Description  White Surface Mount Chip LEDs with reflector featuring InGaN packed with resin containing phosphor.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL1101WBAW1CS2 Datasheet(HTML) 9 Page - Rohm

Back Button CSL1101WBAW1CS2 Datasheet HTML 5Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 6Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 7Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 8Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 9Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 10Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 11Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 12Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
[CSL1101WBAW1]
    
[Data Sheet]
・
Using Conditions
・
Baking
・
Baking Conditions
2.Application Methods
Classification
Temperature
Humidity
Expiration Date
Remark
●
Precaution (Surface Mount Device)
1.Storage
If the product is heated during the reflow under the condition of hygroscopic state, it may vaporize and expand
which will influence the performance of the product. Therefore, the package is waterproof. Please use the product
following the conditions:
②
After opening
package
5~30℃
Below 70%RH
Within 168h
Please storing in the airtight
container with our desiccant (silica
gel)
①
Before using
5~30℃
30~70%RH
Within 1 year from
Receiving
Storage with waterproof package
Bake the product in case of below:
①
The expiration date is passed.
②
The color of 5% and 10% on humidity indicator card is not green.
(Even if the product is before expiration date.)
Temperature
Time
Humidity
60±3℃
12~24h
Below 20%RH
Remark
・
Bake products in reel.
・
Reel and embossed tape are easy to be deformed when baking, so please try not to apply stress on it.
・
Recommend bake once.
2-1.Color of sealing resin
This product may differ in the color of the resin due to the influence of the material contained in the sealing resin.
There are no problems with the use.
2-2. Precaution for Drive System and Off Mode
Design the circuit without the electric load exceeding the ABSOLUTE MAXIMUM RATING that applies on the
products. If drive by constant voltage, it may cause current deviation of the LED and result in deviation of luminous
intensity, so we recommend to drive by constant current. (Deviation of VF value will cause deviation of current in
LED.) Furthermore, for off mode, please do not apply voltage neither forward nor reverse. Especially, for the
products with the Ag-paste used in the die bonding, there’s high possibility to cause electro migration and result
in function failure.
2-3. About derating
It is considered that derating characteristics will not result in LED chip’s electrical destruction. Even within the
derating, the reliability and luminous life can be affected depending on operating conditions and ambient
environment. So we would be appreciate it if you can confirm with your application again.
2-4. About product life
Depending on operating conditions and environment(applied current, ambient temperature and humidity, corrosive
gas), decreasing of luminosity and change of chromaticity may occur even within the specification conditions.
Please contact our sales office if you use it for the following applications.
 ①
It requires long luminosity life
 ②
It is always lit
2-5.Applied Stress on Product
The top of the LED is very soft, which the silicone resin is used as sealing resin.Therefore, please pay attention to
the overstress on it which may influence its reliability.
2-6.Usage
The product is LED. We are not responsible for the usage as the diode such as protection chip, rectifier,
switching and so on.
9/22
2024.6 - Rev.003
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com