Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSL1101WBAW1CS2 Datasheet(PDF) 22 Page - Rohm

Part # CSL1101WBAW1CS2
Description  White Surface Mount Chip LEDs with reflector featuring InGaN packed with resin containing phosphor.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL1101WBAW1CS2 Datasheet(HTML) 22 Page - Rohm

Back Button CSL1101WBAW1CS2 Datasheet HTML 16Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 17Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 18Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 19Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 20Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 21Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 22Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 23Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 24Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
[CSL1101WBAW1]
    
[Data Sheet]
1.Human Body Model
【 Electric Static Discharges(ESD)】
Based Standard
JS-001-2014
Criteria
VR=5V, IR≦ Spec Max.
Test Condition
100pF 1.5kΩ
Sample Quantity
Each 10pcs
Test Result
Min.
Typ.
Max.
Forword
Over 4000V
Over 4000V
Over 4000V
Reverse
Over 4000V
Over 4000V
Over 4000V
2.Charged Device Model
Based Standard
JEDEC JESD22-C101E
Criteria
VR=5V, IR≦ Spec Max.
Test Condition
Applied Voltage(V)
+500V,-500V
Discharged
terminal
Anode
Cathode
Test Result
Pn/n
0/10
※
This data is actual value from specific lot and is not guaranteed.
22/22
2024.6 - Rev.003
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com