Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSL1101WBAW1CS2 Datasheet(PDF) 3 Page - Rohm

Part # CSL1101WBAW1CS2
Description  White Surface Mount Chip LEDs with reflector featuring InGaN packed with resin containing phosphor.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL1101WBAW1CS2 Datasheet(HTML) 3 Page - Rohm

  CSL1101WBAW1CS2 Datasheet HTML 1Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 2Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 3Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 4Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 5Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 6Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 7Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 8Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
[CSL1101WBAW1]
    
[Data Sheet]
(Ta=25℃, IF=5mA)
A
B
C
D
7. CHROMATICITY DIAGRAM
・
CHROMATICITY COORDIMATES *3
x
y
0.285
0.223
0.273
0.230
0.293
0.243
0.282
0.249
x
y
x
y
x
y
0.271
0.256
0.282
0.249
0.271
0.256
0.292
0.270
0.281
0.275
0.273
0.230
0.262
0.237
0.282
0.249
*1 : If the parts are used for Automotive & Industrial application (base station, smart meters, signal, etc. and social infrastructure),
Please contact ROHM, so that Automotive-graded parts w ill be introduced.
*2 : Absolute maximum rating is the limit w hich must not be exceeded even for an instant, once exceeded, LED device destruction might occur.
This is not the value that guarantees intensity of light life and other reliabilities.
Please refer to the derating data *4 & conducting test data, and make sure to keep the value w ithin absolute maximum rating w hile using.
*3 : If rank shift occur, w e may ask for re-approval of new rank w hen necessary.
*4 : Even w ithin derating, the reliability and luminosity life may be affected by deterioration of sealing resin and reflector, etc.
So please check w ith your application again.
0.293
0.243
0.282
0.249
0.302
0.265
0.292
0.270
Tolerance:±0.01
8. PRODUCT WEIGHT   Product weight per piece, approx 0.0019 grm.
9. MSL
   
Level 3
3/22
2024.6 - Rev.003
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com