Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVMA0ES Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MFS2400AVMA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVMA0ES Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MFS2400AVMA0ES Datasheet HTML 41Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 42Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 43Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 44Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 45Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 46Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 47Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 48Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
16.1.3 Electrical characteristics
TA = −40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
WAKE2, WAKE3
VWAKE_IN
Input voltage range
0
-
40
V
WAKE23VILL
Digital low-input voltage threshold (falling)
HIDW2/3_TH_SEL = 0
-
-
2.0
V
WAKE23VILH
Digital high-input voltage threshold (falling)
HIDW2/3_TH_SEL = 1
-
-
3.0
V
WAKE23VIHL
Digital low-input voltage threshold (rising)
HIDW2/3_TH_SEL = 0
2.97
-
-
V
WAKE23VIHH
Digital high-input voltage threshold (rising)
HIDW2/3_TH_SEL = 1
4
-
-
V
WAKE23HYST
Hysteresis
100
-
400
mV
RPD_WAKE23
Pulldown resistance
100
200
400
kΩ
RPU_WAKE23
Pullup resistance
100
200
400
kΩ
Low pulldown current for the hardware ID function
(HIDW2_10MA_EN = 0)
3.5
4.25
5
mA
IPD_HID01
High pulldown current for the hardware ID
function
(HIDW2_10MA_EN = 1)
8
10
12
mA
Low pullup current for the hardware ID function
(HIDW2_10MA_EN = 0)
1
1.5
2
mA
IPU_HID01
High pullup current for the hardware ID function
(HIDW2_10MA_EN = 1)
8
10
12
mA
IIN_WAKE
Input current on WAKEx pins (No pull down or pull
up)
-5
-
5
µA
TWAKE23_FLT
Wake-up filtering time
• WKx_DGLT = 0
• WKx_DGLT = 1
12
50
15
65
20
80
μs
Table 18. WAKE23/HID01 electrical characteristics
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
45 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com