Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVMA0ES Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MFS2400AVMA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVMA0ES Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MFS2400AVMA0ES Datasheet HTML 49Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 50Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 51Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 52Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 53Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 54Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 55Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 56Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
17.3 Electrical characteristics
TA = –40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 18 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Electrical characteristics
FIN_CLK_LDT
Long duration timer source clock (1 MHz / 64)
-
15.625
-
kHz
TBASE_LDT
-
-
1
128
-
-
s
µs
IQ_LDT_85
Long duration timer quiescent current consumption (Tj = 85 °C)
-
2
5
µA
IQ_LDT_125
Long duration timer quiescent current consumption (Ta = 125 °C)
-
5
10
µA
LDTACC1
Long duration timer accuracy without calibration
-10
-
10
%
LDTACC2
Long duration timer accuracy with calibration
In LPOFF or LPON states
Including month aging drift (max)
Including temperature drift
0 °C < Tj < 85 °C
-5
-
5
%
LDTDRIFT
Long duration timer maximum drift per hour after calibration
In LPOFF or LPON states
Within 20 °C temperature variation.
-1
-
1
%
Table 24. Long duration timer electrical characteristics
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
53 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com