Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVMA0ES Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MFS2400AVMA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVMA0ES Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MFS2400AVMA0ES Datasheet HTML 48Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 49Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 50Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 51Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 52Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 53Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 54Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 55Page - NXP Semiconductors MFS2400AVMA0ES Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
aaa-046850
FUNCTIONS
Function 1
SPI: configure timer function 1
No entry in Low Power
mode controlled by LDT
Entry in Low Power mode
when after run value reached
Entry in Low Power mode
when after run value reached
Wake-up
value reached
Wake-up
value reached
Entry in Low Power mode by
SPI
or HVIO1 mode selection
Wake up by timer
Wake up by timer
Wake up by timer
SPI: write after run register
After run value reached
After run
value reached
After run
value reached
timer counts
timer counts
timer counts
timer counts
timer counts
Entry in Low Power mode by
SPI
or HVIO1 mode selection
timer counts
WAKE-UP (ex IOs)
WAKE-UP
WAKE-UP
INTB
SPI: write LDT_EN = 1
INTB when after run value reached
Function 2
SPI: configure timer function 2
SPI: write after run register
SPI: write LDT_EN = 1
Entry in LPOFF after run value
reached
Entry in Low Power mode after
run value reached and wake up
when wake-up value reached
Function 3
SPI: configure timer function 3
SPI: write after run register
SPI: write wake-up register
SPI: write LDT_EN = 1
SPI: write LDT_EN = 1
NORMAL MODE
LOW-POWER MODE (LPOFF)
Function 4
SPI: configure timer function 4
SPI: write wake-up register
SPI: go to Low Power mode
Wake up when wake-up
value reached
Function 5
SPI: configure timer function 5
SPI: write LDT_EN = 1
SPI: go to Low Power mode
Wake up when other wake-up
event occurs (ex lOs, CAN)
Figure 33. Long duration timer functions
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
52 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com