Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42516 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 65Page - Cirrus Logic CS42516 Datasheet HTML 66Page - Cirrus Logic CS42516 Datasheet HTML 67Page - Cirrus Logic CS42516 Datasheet HTML 68Page - Cirrus Logic CS42516 Datasheet HTML 69Page - Cirrus Logic CS42516 Datasheet HTML 70Page - Cirrus Logic CS42516 Datasheet HTML 71Page - Cirrus Logic CS42516 Datasheet HTML 72Page - Cirrus Logic CS42516 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
DS583F1
69
CS42516
the status of the HOLD bit. If a mask bit is set to 0, the error is masked, meaning that its occurrence
will not appear in the receiver error register, will not affect the RERR interrupt, and will not affect the
current audio sample. The CCRC and QCRC bits behave differently from the other bits: they do not
affect the current audio sample even when unmasked.
6.27
Mutec Pin Control (address 28h)
6.27.1 MUTEC POLARITY SELECT (MCPOLARITY)
Default = 0
0 - Active low
1 - Active high
Function:
Determines the polarity of the MUTEC pin.
6.27.2 CHANNEL MUTES SELECT (M_AOUTXX)
Default = 1111
0 - Channel mute is not mapped to the MUTEC pin
1 - Channel mute is mapped to the MUTEC pin
Function:
Determines which channel mutes will be mapped to the MUTEC pin. If no channel mute bits are
mapped, then the MUTEC pin is driven to the “active” state as defined by the POLARITY bit. These
Channel Mute Select bits are “ANDed” together in order for the MUTEC pin to go active. This means
that if multiple Channel Mutes are selected to be mapped to the MUTEC pin, all corresponding chan-
nels must be muted before the MUTEC will go active.
6.28
RXP/General-Purpose Pin Control (addresses 29h to 2Fh)
6.28.1 MODE CONTROL (MODEX)
Default = 00
00 - RXP Input
01 - Mute Mode
10 - GPO/Overflow Mode
11 - GPO, Drive High Mode
Function:
RXP Input - The pin is configured as a receiver input which can then be muxed to either the TXP pin
or to the internal receiver.
Mute Mode - The pin is configured as a dedicated mute pin. The muting function is controlled by the
Function bits.
GPO, Drive Low / ADC Overflow Mode - The pin is configured as a general-purpose output driven low
7
6
5
432
10
Reserved
Reserved
MCPolarity
M_AOUTA1
M_AOUTB1
M_AOUTA2
M_AOUTB2
M_AOUTA3
M_AOUTB3
Reserved
7
6
5
432
10
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com