Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42516 Datasheet(PDF) 77 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 77 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 73Page - Cirrus Logic CS42516 Datasheet HTML 74Page - Cirrus Logic CS42516 Datasheet HTML 75Page - Cirrus Logic CS42516 Datasheet HTML 76Page - Cirrus Logic CS42516 Datasheet HTML 77Page - Cirrus Logic CS42516 Datasheet HTML 78Page - Cirrus Logic CS42516 Datasheet HTML 79Page - Cirrus Logic CS42516 Datasheet HTML 80Page - Cirrus Logic CS42516 Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
DS583F1
77
CS42516
10.APPENDIX C: PLL FILTER
The PLL has been designed to only use the preambles of the S/PDIF stream to provide lock update information to
the PLL. This results in the PLL being immune to data-dependent jitter effects because the S/PDIF preambles do
not vary with the data.
The PLL has the ability to lock onto a wide range of input sample rates with no external component changes. The
nominal center sample rate is the sample rate that the PLL first locks onto upon application of an S/PDIF data
stream.
10.1
External Filter Components
10.1.1
General
The PLL behavior is affected by the external filter component values and the locking mode as configured
by the LOCKM[1:0] bits in register 24h. Table 21 shows the supported configurations of PLL component
values and their associated locking modes.
Phase
Com parator
and Charge Pum p
÷N
VCO
RM CK
INPUT
CRIP
CFILT
RFILT
Figure 27. PLL Block Diagram
RFILT (k
Ω)CFILT (µF) CRIP (pF) LOCKM[1:0]
Notes
Configuration 1
2.55
0.047
2200
00
Used for backward compatibility with Revision C
devices.
Configuration 2
2.55
0.047
2200
01
Default configuration for Revision D devices.
Provides improved wideband jitter rejection in
Double- and Quad-Speed modes.
Configuration 3
1.37
0.022
1000
10
Provides improved in-band jitter rejection, with
increased wideband jitter. Use this configuration
for best DAC and ADC performance when
clocked from the PLL recovered clock.
Table 21. External PLL Component Values & Locking Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com