Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42516 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 66Page - Cirrus Logic CS42516 Datasheet HTML 67Page - Cirrus Logic CS42516 Datasheet HTML 68Page - Cirrus Logic CS42516 Datasheet HTML 69Page - Cirrus Logic CS42516 Datasheet HTML 70Page - Cirrus Logic CS42516 Datasheet HTML 71Page - Cirrus Logic CS42516 Datasheet HTML 72Page - Cirrus Logic CS42516 Datasheet HTML 73Page - Cirrus Logic CS42516 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
70
DS583F1
CS42516
or as a dedicated ADC overflow pin indicating an over-range condition anywhere in the ADC signal
path for either the left or right channel. The Functionx bits determine the operation of the pin. When
configured as a GPO with the output driven low, the driver is a CMOS driver. When configured to iden-
tify an ADC Overflow condition, the driver is an open drain driver requiring a pull-up resistor.
GPO, Drive High Mode - The pin is configured as a general purpose output driven high.
6.28.2 POLARITY SELECT (POLARITY)
Default = 0
Function:
RXP Input - If the pin is configured for an RXP input, the polarity bit is ignored. It is recommended that
in this mode this bit be set to 0.
Mute Mode - If the pin is configured as a dedicated mute output pin, the polarity bit determines the
polarity of the mapped pin according to the following
0 - Active low
1 - Active high
GPO, Drive Low / ADC Overflow Mode - If the pin is configured as a GPO, Drive Low / ADC Overflow
Mode pin, the polarity bit is ignored. It is recommended that in this mode this bit be set to 0.
GPO, Drive High - If the pin is configured as a general-purpose output driven high, the polarity bit is
ignored. It is recommended that in this mode this bit be set to 0.
6.28.3 FUNCTIONAL CONTROL (FUNCTIONX)
Default = 00000
Function:
RXP Input - If the pin is configured for an RXP input, the functional bits are ignored. It is recommended
that in this mode all the functional bits be set to 0.
Mute Mode - If the pin is configured as a dedicated mute pin, the functional bits determine which chan-
nel mutes will be mapped to this pin according to the following table.
0 - Channel mute is not mapped to the RXPx/GPOx pin
1 - Channel mute is mapped to the RXPx/GPOx pin:
GPO, Drive Low / ADC Overflow Mode - If the pin is configured as a GPO, Drive Low / ADC Overflow
Mode pin, the Function1 and Function0 bits determine how the output will behave according to the
RXPx/GPOx
Reg Address
Function4
Function3
Function2
Function1
Function0
RXP7/GPO7
pin 42
29h
M_AOUTA1
M_AOUTB1
M_AOUTA2
M_AOUTB2
M_AOUTA3
M_AOUTB3
Reserved
RXP6/GPO6
pin 43
2Ah
M_AOUTA1
M_AOUTB1
M_AOUTA2
M_AOUTB2
M_AOUTA3
M_AOUTB3
Reserved
RXP5/GPO5
pin 44
2Bh
M_AOUTA1
M_AOUTB1
M_AOUTA2
M_AOUTB2
M_AOUTA3
M_AOUTB3
Reserved
RXP4/GPO4
pin 45
2Ch
M_AOUTA1
M_AOUTB1
M_AOUTA2
M_AOUTB2
M_AOUTA3
M_AOUTB3
Reserved
RXP3/GPO3
pin 46
2Dh
M_AOUTA1
M_AOUTB1
M_AOUTA2
M_AOUTB2
M_AOUTA3
M_AOUTB3
Reserved
RXP2/GPO2
pin 47
2Eh
M_AOUTA1
M_AOUTB1
M_AOUTA2
M_AOUTB2
M_AOUTA3
M_AOUTB3
Reserved
Reserved
RXP1/GPO1
pin 48
2Fh
M_AOUTA1
M_AOUTB1
M_AOUTA2
M_AOUTB2
M_AOUTA3
M_AOUTB3
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com