Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 16Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 17Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 18Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 19Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 20Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 21Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 22Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 23Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 115 page
background image
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
20
NXP Semiconductors
Electrical characteristics
4.1.2
Thermal resistance
4.1.2.1
10 x 10 MM thermal resistance
Table 8 displays the 10 x 10 MM package thermal resistance data.
IO supply for GPIO in SDIO1 bank (3.3 V mode)
NVCC_SD0
-0.3
3.6
V
IO supply for GPIO in SDIO1 bank (1.8 V mode)
-0.3
1.95
V
IO supply for GPIO in SDIO2 bank (3.3 V mode)
NVCC_SD1
-0.3
3.6
V
IO supply for GPIO in SDIO2 bank (1.8 V mode)
-0.3
1.95
V
IO supply for GPIO in EMC bank (3.3 V mode)
NVCC_EMC
-0.3
3.6
V
IO supply for GPIO in EMC bank (1.8 V mode)
-0.3
1.95
V
ESD damage Immunity:
Human Body Model (HBM)
Charge Device Model (CDM)
Vesd
—
—
1000
500
V
Input/Output Voltage range
Vin/Vout
-0.5
OVDD + 0.31
V
Storage Temperature range
TSTORAGE
-40
150
o C
1 OVDD is the I/O supply voltage.
Table 8. 10 x 10 MM thermal resistance data
Rating
Test Conditions
Symbol
Value
Unit
Notes
Junction to Ambient
Natural convection
Single-layer board (1s)
RJA
72.1
oC/W
1,2
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
Junction to Ambient
Natural convection
Four-layer board (2s2p)
RJA
43.9
oC/W
1,2,3
3 Per JEDEC JESD51-6 with the board horizontal.
Junction to Ambient (@200 ft/min)
Single-layer board (1s)
RJMA
57.5
oC/W
1,3
Junction to Ambient (@200 ft/min)
Four-layer board (2s2p)
RJMA
39.0
oC/W
1,3
Junction to Board
—
RJB
26.1
oC/W
4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
Junction to Case
—
RJC
19.1
oC/W
5
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
Junction to Package Top
Natural Convection
JT
0.6
oC/W
6
Junction to Package Bottom
Natural Convection
RJB_CSB
22.3
oC/W
7
Table 7. Absolute maximum ratings (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com