Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 21Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 22Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 23Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 24Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 25Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 26Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 27Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 28Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 115 page
background image
Electrical characteristics
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
25
4.1.6
Low power mode supply currents
Table 13 shows the current core consumption (not including I/O) of i.MX RT1050 processors in selected
low power modes.
4.1.7
USB PHY current consumption
4.1.7.1
Power down mode
In power down mode, everything is powered down, including the USB VBUS valid detectors in typical
condition. Table 14 shows the USB interface current consumption in power down mode.
Table 13. Low power mode current and power consumption
Mode
Test Conditions
Supply
Typical1
1 The typical values shown here are for information only and are not guaranteed. These values are average values measured
on a typical process wafer at 25oC.
Units
SYSTEM IDLE
• LDO_2P5 set to 2.5 V, LDO_1P1 set to 1.1 V
• CPU in WFI, CPU clock gated
• 24 MHz XTAL is ON
• System PLL is active, other PLLs are power down
• Peripheral clock gated, but remain powered
• 512 KB RAM retention
DCDC_IN (3.0 V for A0
and 3.3 V for A1)
2.97
mA
VDD_HIGH_IN (3.3 V)
7.69
VDD_SNVS_IN (3.3 V)
0.032
Total
35.28
mW
LOW POWER IDLE
• LDO_2P5 and LDO_1P1 are set to Weak mode
• WFI, half FlexRAM power down in power gate
mode
• All PLLs are power down
• 24 MHz XTAL is off, 24 MHz RCOSC used as
clock source
• Peripheral clock gated, but remain powered
• 512 KB RAM retention
DCDC_IN (3.0 V for A0
and 3.3 V for A1)
0.90
mA
VDD_HIGH_IN (3.3 V)
0.296
VDD_SNVS_IN (3.3 V)
0.048
Total
4.10
mW
SUSPEND
(DSM)
• LDO_2P5 and LDO_1P1 are shut off
• CPU in Power Gate mode
• All PLLs are power down
• 24 MHz XTAL is off, 24 MHz RCOSC is off
• All clocks are shut off, except 32 kHz RTC
• Peripheral clock gated, but remain powered
• 512 KB RAM retention
DCDC_IN (3.0 V for A0
and 3.3 V for A1)
0.11
mA
VDD_HIGH_IN (3.3 V)
0.028
VDD_SNVS_IN (3.3 V)
0.020
Total
0.521
mW
SNVS (RTC)
• All SOC digital logic, analog module are shut off
• 32 kHz RTC is alive
DCDC_IN (0 V)
0
mA
VDD_HIGH_IN (0 V)
0
VDD_SNVS_IN (3.3 V)
0.018
Total
0.059
mW
Table 14. USB PHY current consumption in power down mode
VDD_USB_CAP (3.0 V)
VDD_HIGH_CAP (2.5 V)
NVCC_PLL (1.1 V)
Current
5.1
A
1.7
A
< 0.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com