| Electronic Components Datasheet Search |
|
PIMXRT8024DFP4A Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT8024DFP4A Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 115 page ![]() Architectural overview i.MX RT1050 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021 NXP Semiconductors 9 2 Architectural overview The following subsections provide an architectural overview of the i.MX RT1050 processor system. 2.1 Block diagram Figure 2 shows the functional modules in the i.MX RT1050 processor system1. . Figure 2. i.MX RT1050 system block diagram 1. Some modules shown in this block diagram are not offered on all derivatives. See Table 1 for details. Internal Memory 512 KB OCRAM shared with TCM 96 KB ROM Multimedia Connectivity eMMC 4.5 / SD 3.0 x2 8 x 8 Keypad External Memory I2C x4 UART x8 S/PDIF Tx / Rx GPIO SPI x4 ADC System Control Secure JTAG PLL / OSC RTC and Reset Enhanced DMA IOMUX GP Timer x6 CPU Platform Arm Cortex-M7 32 KB I-cache 32 KB D-cache FPU FlexSPI (dual-channel QuadSPI External Memory Controller 8-bit / 16-bit SDRAM Parallel NOR FLASH NAND FLASH PSRAM MPU NVIC Up to 512 KB TCM FlexCAN x2 USB 2.0 OTG with PHY x2 10 / 100 ENET with IEEE 1588 x1 ADC x2 (20-Channel) ACMP x4 8 / 16 / 24-bit Parallel CSI 24-bit Parallel LCD Arm Cortex-M7 32 KB I-cache 32 KB D-cache FPU MPU NVIC Up to 512 KB TCM PXP 2D Graphics Acceleration Resize, CSC, Overlay, Rotation Quadrature ENC x4 QuadTimer FlexPWM Watch Dog x4 Power Management DCDC LDO Temp Monitor Security Ciphers and RNG Secure RTC eFuse HAB I2S / SAI x3 (4-Channel) x4 NAND and NOR, Octal Flash, and RAM) (8-Channel) x4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |