Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 101 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 97Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 98Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 99Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 100Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 101Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 102Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 103Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 104Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 115 page
background image
Package information and contact assignments
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
101
GPIO_AD_B0_00
M14
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[0]
Input
Keeper
GPIO_AD_B0_01
H10
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[1]
Input
Keeper
GPIO_AD_B0_02
M11
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[2]
Input
Keeper
GPIO_AD_B0_03
G11
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[3]
Input
Keeper
GPIO_AD_B0_04
F11
NVCC_GPIO
Digital
GPIO
ALT0
SRC.BOOT.MODE[0]
Input
100 K PD
GPIO_AD_B0_05
G14
NVCC_GPIO
Digital
GPIO
ALT0
SRC.BOOT.MODE[1]
Input
100 K PD
GPIO_AD_B0_06
E14
NVCC_GPIO
Digital
GPIO
ALT0
JTAG.MUX.TMS
Input
47 K PU
GPIO_AD_B0_07
F12
NVCC_GPIO
Digital
GPIO
ALT0
JTAG.MUX.TCK
Input
47 K PU
GPIO_AD_B0_08
F13
NVCC_GPIO
Digital
GPIO
ALT0
JTAG.MUX.MOD
Input
100 K PU
GPIO_AD_B0_09
F14
NVCC_GPIO
Digital
GPIO
ALT0
JTAG.MUX.TDI
Input
47 K PU
GPIO_AD_B0_10
G13
NVCC_GPIO
Digital
GPIO
ALT0
JTAG.MUX.TDO
Input
Keeper
GPIO_AD_B0_11
G10
NVCC_GPIO
Digital
GPIO
ALT0
JTAG.MUX.TRSTB
Input
47 K PU
GPIO_AD_B0_12
K14
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[12]
Input
Keeper
GPIO_AD_B0_13
L14
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[13]
Input
Keeper
GPIO_AD_B0_14
H14
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[14]
Input
Keeper
GPIO_AD_B0_15
L10
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[15]
Input
Keeper
GPIO_AD_B1_00
J11
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[16]
Input
Keeper
GPIO_AD_B1_01
K11
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[17]
Input
Keeper
GPIO_AD_B1_02
L11
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[18]
Input
Keeper
GPIO_AD_B1_03
M12
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[19]
Input
Keeper
GPIO_AD_B1_04
L12
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[20]
Input
Keeper
Table 86. 12 x 12 mm functional contact assignments (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com