Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 110 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 106Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 107Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 108Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 109Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 110Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 111Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 112Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 113Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 115 page
background image
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
110
NXP Semiconductors
Revision history
7
Revision history
Table 88 provides a revision history for this data sheet.
Table 88. i.MX RT1050 Data Sheet document revision history
Rev.
Number
Date
Substantive Change(s)
Rev. 2
03/2021
• Updated the MPCore to Core in the Section 1.1, Features
• Added a new part number in the Table 1, Ordering information
• Updated the Figure 1, "Part number nomenclature—i.MX RT10XX family"
• Updated the frequency of RTC OSC and baud rates of LPUART in the Table 2, i.MX RT1050 modules
list
• Updated the descriptions about TEST_MODE in the Table 3, Special signal considerations
• Updated the on-chip terminations of JTAG_TCK and JTAG_MOD in the Table 4, JTAG Controller
interface summary
• Added system and bus frequencies in the Table 10, Operating ranges; updated the maximum value
of NVCC_EMC and junction temperature descriptions in the Table 10, Operating ranges
• Updated the maximum current of DCDC_IN in the Table 12, Maximum supply currents
• Added a note in the Section 4.2.1.1, Power-up sequence
• Added the high-level and low-level output current in the Table 22, Single voltage GPIO DC parameters
• Updated the min and max values of TDVO in the Table 33, SEMC output timing in SYNC mode
• Updated the conditions of
VDDA in the Table 54, 12-bit ADC operating conditions
• Added a footnote for GPIO_EMC_03 in the Table 83, 10 x 10 mm functional contact assignments and
Table 86, 12 x 12 mm functional contact assignments
Rev. 1.4
01/2020
• Updated the description about external memory interfaces in the Section 1.1, Features
• Updated the descriptions about JTAG_MOD in the Table 4, JTAG Controller interface summary
• Updated the Table 81, Boot through UART1 and removed the Table, Boot through UART2
• Updated the Figure 53, "10 x 10 mm BGA, case x package top, bottom, and side Views"
• Updated the Figure 54, "12 x 12 mm BGA, case x package top, bottom, and side Views"
Rev. 1.3
02/2019
• Updated the ADC numbers in the Figure 2, "i.MX RT1050 system block diagram"
• Removed tamper detection from the Table 2, i.MX RT1050 modules list
• Updated the value of JTAG_MOD in the Table 4, JTAG Controller interface summary
• Changed 528 MHz PLL to System PLL in the Table 13, Low power mode current and power
consumption and Table 16, System PLL’s electrical parameters
• Changed 480 MHz PLL to USB PLL in the Table 18, USB PLL’s electrical parameters
• Added the Figure 36, "Minimum Sample Time Vs Ras (Cas = 2 pF)", Figure 37, "Minimum Sample
Time Vs Ras (Cas = 5 pF)", and Figure 38, "Minimum Sample Time Vs Ras (Cas = 10 pF)" in the
Section 4.8.2, A/D converter
• Updated Section 4.9.1, LPSPI timing parameters
Rev. 1.2
09/2018
• Updated the maximum value of VDD_SOC_IN in the Table 7, Absolute maximum ratings
• Updated the DCDC_IN values in the Table 10, Operating ranges
Rev. 1.1
08/2018
• Updated the Section 1, i.MX RT1050 introduction
• Updated the Table 1, Ordering information
• Updated the Figure 1, "Part number nomenclature—i.MX RT10XX family"
• Updated the Table 7, Absolute maximum ratings
• Added the Section 4.1.2.2, 12 x 12 MM thermal resistance
• Updated the Table 10, Operating ranges
• Updated the Table 13, Low power mode current and power consumption
• Updated the Table 23, LVDS I/O DC characteristics
• Added the Section 4.4.4, Debug trace timing specifications
• Updated the Table 50, Master mode SAI timing and Table 51, Slave mode SAI timing
• Updated the Table 69, PWM timing parameters
• Added the Section 6.2, 12 x 12 mm package information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com