Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

08CH220L Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 15Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 16Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 17Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 18Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 19Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 20Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 21Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 22Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
◎
Definition
Characteristics
Test Method or Description
Max. Working Voltage
Maximum steady-state DC operating voltage the device can
maintain and typical leakage current at 25℃ not exceed 50 μA.
Varistor Voltage(BDV)
With the specified measuring current of 1mA DC applied. Tolerance
of breakdown voltage: 5~8V= ±20%; 12~18V= ±15%; 18~430V= ±10%
Max. Clamping Voltage
Maximum peak voltage across the TVS measured at a specified
pulse current(A)and waveform 8/20μs.
Surge Current
Maximum peak current within the varistor voltage change of ±10%
may be applied with the specified waveform 8/20μs.
Surge Shift △V/V
The shift of Varistor voltage after suffering the specified surge
current.
Energy Absorption
Maximum energy within the varistor voltage change of ±10% may
be dissipated with a specified waveform 10/1000μs .
Typical Capacitance
Device Capacitance measured with zero voltage bias 0.5VRMS
1KHZ;
under 100pf measure at 1Mhz; Surge series the
capacitance is only for reference.
Nonlinear exponentα
α
=〔log(V1mA/V0.1mA)/log(ImA/I0.1mA)〕
Leakage Current
Typical leakage current at 25℃<50μA; Maximum leakage 200μA;
※
Standard Test Condition:Environmental condition under which every measuring is done
without doubt on the measuring results. Unless specially specified,
temperature, relative humidity are 5 to 35℃, 45 to 85﹪RH.
※
8/20μs waveform current(A)
※
ESD protection waveform current
IEC 61000-4-5, EN 61000-4-5,
This generator complies with UL 1449 August 15. 1996 Table B1.1
SMD Transient Voltage Suppressors
Characteristic Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com