Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

08CH220L Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 16Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 17Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 18Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 19Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 20Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 21Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 22Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 23Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Experiment
Test Method and Description
High Temperature
Storage/ Dry Heat
The specimen shall be subjected to 150 ± 2℃ for 1000 ± 12 hours in a thermostatic
bath without load and then stored at room temperature and humidity for 1 to 2 hours.
Therefore, the change of varistor voltage shall be measured.
Step
Temperature
Period
1
-40±3
30Min±3
2
Room Temperature
1 hour
3
125±3
30Min±3
Temperature Cycle
The temperature cycle of specified temper
-ature shall be repeated five times and then
stored at room temperature and humidity for
one or two hours. the change of varistor
voltage and mechanical damage shall be
examined.
4
Room Temperature
1 hours
High Temperature Load/
Dry Heat Load
After being continuously applied the maximum allowable voltage at 85 ± 2℃ for 1000±
2 hours, the specimen shall be stored at room temperature and humidity for one or two
hours, Therefore the change of varistor voltage should be measured.
Damp Heat Load/
Humidity Load
The specimen should be subjected to 40± 2℃, 90 to 95﹪ RH and the maximum
allowable voltage for 500 hours and then stored at room temperature and humidity for
one or two hours. Therefore the change of varistor voltage should be measured.
Low Temperature
Storage/ Cold
The specimen should be subjected to -50 ± 2℃, without load for 500 hours and then
stored at room temperature for one or two hours. Therefore the change of varistor
voltage should be measured.
Direct contact
electrostatic discharge
1.Discharge: contact electrostatic discharge; 2.Voltage:8KV(Level4)
3.Polarity:+,- ; 4.Number: 10 times ; 5.Interval time:1sec
Direct air electrostatic
discharge
1.Discharge: air electrostatic discharge; 2.Voltage:15KV(Level4)
3.Polarity:+,-; 4.Number: 10 times; 5.Interval time:1~ 3sec
IEC61000-4 Standard
SEVERITY
LEVEL
AIR
DISCHARGE
DIRECT
DISCHARGE
1
2 KV
2 KV
2
4 KV
4 KV
3
8 KV
6 KV
4
15 KV
8 KV
SMD Transient Voltage Suppressors
Reliability Experiment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com