Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

08CH220L Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 17Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 18Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 19Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 20Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 21Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 22Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 23Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 24Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
2. Major point of SMT reflow
(a) Solder pad layout : please refer to 5.1
(b) Steel plate and foot distance printing
Foot distance printing (mm/mils)
Steel Plate thickness (mm)
> 0.65mm/25 mil
0.18mm
0.65mm/25 mils~0.5mm/20mils
0.15mm
0.50mm/20 mils~0.40mm/16mils
0.12mm
<=0.40 mm/16 mils
0.10mm
The IR reflow and temperature of Soldering for Pb Free
☆
IR reflow Pb Free Process suggestion profile
(1) Soldering recommend paste is
Sn 96.5/Ag 3.5
(2) Ramp-up rate (217℃ to Peak) + 3℃/second max
(3) Temp. maintain at 175 +/-25℃ 180 seconds max
(4) Temp. maintain above 217 ℃ 60-150 seconds
(5) Peak temperature range
245℃ +20℃/ -10 ℃ time within 5 ℃ of actually peak temperature (tp) 10~20
seconds
(6) Ramp down rate +6 ℃/second max.
SMD Transient Voltage Suppressors
Recommendation for Soldering
※
Perform adequate test in advance as the reflow temperature profile will vary according to the conditions of
the manufacturing process, and the specification of the reflow furnace.
Peak Temp. 260℃ 3sec
.
Peak Temp. 245℃ 10sec
.
Pre-Heat 140℃~200℃
60~120 Sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com