Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPMCAP Datasheet(PDF) 2 Page - Weidmuller

Part # CPMCAP
Description  Capacity module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

CPMCAP Datasheet(HTML) 2 Page - Weidmuller

  CPMCAP Datasheet HTML 1Page - Weidmuller CPMCAP Datasheet HTML 2Page - Weidmuller CPMCAP Datasheet HTML 3Page - Weidmuller CPMCAP Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data sheet
 
CP M CAP
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 5, 2024 3:16:51 AM CET
 
Catalogue status 26.10.2024 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Depth
150 mm
  Depth (inches)
5.905 inch
Height
130 mm
  Height (inches)
5.118 inch
Width
34 mm
  Width (inches)
1.339 inch
Net weight
724 g
   
 
Temperatures
 
Storage temperature
-40 °C...85 °C
  Operating temperature
-25 °C...70 °C
Humidity
5...95 %, no condensation    
 
Input
 
DC current consumption
25 mA @24 V after charg-
ing process
  DC input voltage range
18…30 V DC
Rated input voltage
24 V DC
  Wire connection method
Screw connection
 
Output
 
Peak current output
load dependent (typ. 40 A
for 1 ms)
  Recovery time for the capacitor
Approx. 1 sec.
Switching thresholds
21.6 V DC, relay is on for
Power Good, 20.4 V DC,
relay is off for Power Fail
  Voltage monitoring
Yes
Wire connection method
Screw connection
   
 
General data
 
Humidity
5...95 %, no condensation
  Mounting position, installation notice Horizontal on TS35 mount-
ing rail. 50 mm of clear-
ance at top & bottom for
air circ. Can mount side by
side with no space in be-
tween.
Power loss, idling
600 mW
  Protection degree
IP20
 
EMC / shock / vibration
 
Interference immunity test acc. to
EN 61000-4-2 (ESD)|
EN 61000-4-3 and EN
61000-4-8 (fields)|EN
61000-4-4 (burst)|EN
61000-4-5 (surge)|EN
61000-4-6 (conduct-
ed)|EN 61000-4-11 (dips)
  Noise emission in accordance with
EN55032
Class B
Shock resistance IEC 60068-2-27
15 g In all directions
  Vibration resistance IEC 60068-2-6
1 g according to EN
50178
 
Insulation coordination
 
Insulation voltage
0.5 kV Input / output - Box
  Pollution severity
2
Protection class
III, with no ground connec-
tion, for SELV
   
 
Electrical safety (applied standards)
 
Electrical machine equipment
Acc. to EN60204
  For use with electronic equipment
Acc. to EN50178 /
VDE0160
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com