Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPMCAP Datasheet(PDF) 3 Page - Weidmuller

Part # CPMCAP
Description  Capacity module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

CPMCAP Datasheet(HTML) 3 Page - Weidmuller

  CPMCAP Datasheet HTML 1Page - Weidmuller CPMCAP Datasheet HTML 2Page - Weidmuller CPMCAP Datasheet HTML 3Page - Weidmuller CPMCAP Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data sheet
 
CP M CAP
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 5, 2024 3:16:51 AM CET
 
Catalogue status 26.10.2024 / We reserve the right to make technical changes.
3
Connection data (input)
 
Conductor cross-section, AWG/kcmil ,
max.
12
  Conductor cross-section, AWG/kcmil ,
min.
26
Conductor cross-section, flexible , min. 0.5 mm²
  Conductor cross-section, rigid , max.
6 mm²
Conductor cross-section, rigid , min.
0.5 mm²
  Number of terminals
4 (++--)
Wire connection cross section, flexible
(input), max.
4 mm²
   
 
Connection data (output)
 
Conductor cross-section, AWG/kcmil ,
max.
12
  Conductor cross-section, AWG/kcmil ,
min.
26
Conductor cross-section, flexible , max. 2.5 mm²
  Conductor cross-section, flexible , min. 0.5 mm²
Conductor cross-section, rigid , max.
6 mm²
  Conductor cross-section, rigid , min.
0.5 mm²
Number of terminals
3 (CO contacts)
   
 
Signalling
 
Floating contact
Yes
   
 
Classifications
 
ETIM 6.0
EC002850
  ETIM 7.0
EC002850
ETIM 8.0
EC002850
  ETIM 9.0
EC002850
ECLASS 9.0
27-04-06-92
  ECLASS 9.1
27-04-92-01
ECLASS 10.0
27-04-06-92
  ECLASS 11.0
27-04-06-92
ECLASS 12.0
27-04-06-92
  ECLASS 13.0
27-04-06-92
ECLASS 14.0
27-04-06-92
   
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant
REACH SVHC
Lead 7439-92-1
SCIP
c9dca554-f123-4c2f-a680-5a7631aa9527
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate no. (cULus)
E258476
 
Downloads
 
Approval/Certificate/Document of Con-
formity
CP M CAP UL 508.pdf
DE_PA5200_160512_001.pdf
Engineering Data
CAD data -- STEP
User Documentation
Operating instructions
Catalogues
Catalogues in PDF-format
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com