Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPMCAP Datasheet(PDF) 4 Page - Weidmuller

Part # CPMCAP
Description  Capacity module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

CPMCAP Datasheet(HTML) 4 Page - Weidmuller

  CPMCAP Datasheet HTML 1Page - Weidmuller CPMCAP Datasheet HTML 2Page - Weidmuller CPMCAP Datasheet HTML 3Page - Weidmuller CPMCAP Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data sheet
 
CP M CAP
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Accessories
 
 
Creation date November 5, 2024 3:16:51 AM CET
 
Catalogue status 26.10.2024 / We reserve the right to make technical changes.
4
W-Series
  Weidmüller'srangeofproductsincludesendbrackets
that guarantee a permanent, reliable mounting on the
terminal rail and prevent sliding. Versions with and
without screws are available. The end brackets include
marking options, also for group markers, and also a test
plug holder.
General ordering data
Version
Type
WEW 35/2 V0 GF SW
Order No.
1479000000
GTIN (EAN) 4050118286779
Qty.
50 pc(s).
End bracket, black, TS 35, V-0, Wemid, Width: 8 mm, 130 °C
Version
Type
WEW 35/1 V0 GF SW
Order No.
1478990000
GTIN (EAN) 4050118286892
Qty.
50 pc(s).
End bracket, black, TS 35, V-0, Wemid, Width: 12 mm, 130 °C
 
Slotted screwdriver
  VDEinsulatedscrewdriversets,forworkingonlive
parts up to 1000 V AC and 1500 V DC, DIN EN 60900.
IEC 900. Each piece is "GS" safety tested. Blade made
from fully hardened, high-alloy chromium-vanadium-
molybdenum steel, gun-metal finish.
General ordering data
Version
Type
SDIS SL 0.6X3.5X100
Order No.
1274660000
GTIN (EAN) 4050118072631
Qty.
1 pc(s).
Screwdriver, Mounting tool
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com