Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSS264 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FSS264
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS264 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FSS264 Datasheet HTML 1Page - Sanyo Semicon Device FSS264 Datasheet HTML 2Page - Sanyo Semicon Device FSS264 Datasheet HTML 3Page - Sanyo Semicon Device FSS264 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FSS264
No. A0267-1/4
Features
•
Low ON-resistance.
•
4V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
100
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
4A
Drain Current (PW
≤10s)
ID
Duty cycle
≤1%
5
A
Drain Current (PW
≤10µs)
IDP
Duty cycle
≤1%
16
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (1200mm2!0.8mm) PW
≤10s
2.4
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
100
V
Zero-Gate Voltage Drain Current
IDSS
VDS=100V, VGS=0V
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transfer Admittance
yfs
VDS=10V, ID=2A
3.0
5.5
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=2A, VGS=10V
65
85
m
Ω
RDS(on)2
ID=2A, VGS=4V
80
112
m
Ω
Input Capacitance
Ciss
VDS=20V, f=1MHz
1560
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
130
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
83
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
16
ns
Rise Time
tr
See specified Test Circuit
25
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
155
ns
Fall Time
tf
See specified Test Circuit
66
ns
Marking : S264
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0267
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
D2005PA MS IM TB-00001963
FSS264
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications


Similar Part No. - FSS264

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSS26 ETC1-FSS26 Datasheet
48Kb / 3P
2 Amp. Surface Mounted Schottky Barrier Rectifier
More results

Similar Description - FSS264

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3980 SANYO-2SK3980 Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4065 SANYO-2SK4065 Datasheet
49Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4101LS SANYO-2SK4101LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4116LS SANYO-2SK4116LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com