Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSS264 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS264
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS264 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS264 Datasheet HTML 1Page - Sanyo Semicon Device FSS264 Datasheet HTML 2Page - Sanyo Semicon Device FSS264 Datasheet HTML 3Page - Sanyo Semicon Device FSS264 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSS264
No. A0267-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=50V, VGS=10V, ID=4A
34
nC
Gate-to-Source Charge
Qgs
VDS=50V, VGS=10V, ID=4A
5.5
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=50V, VGS=10V, ID=4A
6
nC
Diode Forward Voltage
VSD
IS=4A, VGS=0V
0.81
1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm
7005-002
14
5
8
5.0
0.595
1.27
0.2
0.43
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : SOP8
PW=10
µs
D.C.
≤1%
10V
0V
VIN
P.G
50
Ω
G
S
ID=2A
RL=25Ω
VDD=50V
VOUT
VIN
D
FSS264
ID -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
RDS(on) -- Ta
Ambient Temperature, Ta --
°C
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
3.0V
0
5
6
8
7
4
3
2
1
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
VDS=10V
200
100
150
50
0
200
100
150
50
0
0
2
4
6
8
10
121416
IT10020
IT10021
IT10022
IT10023
Ta=25
°C
ID=2A
--60
--40
--20
0
20
40
60
80
100
120
140
160
V GS
=4V
, I D
=2A
V GS
=10V
, I D
=2A
VGS=2.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com