Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSS264 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS264
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS264 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS264 Datasheet HTML 1Page - Sanyo Semicon Device FSS264 Datasheet HTML 2Page - Sanyo Semicon Device FSS264 Datasheet HTML 3Page - Sanyo Semicon Device FSS264 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSS264
No. A0267-3/4
7
5
3
2
7
5
3
2
0.1
1.0
10
3
2
7
5
3
2
7
5
3
2
7
5
3
2
0.01
0.1
1.0
10
0.01
0.1
1.0
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
10
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
1000
3
2
7
5
3
2
7
5
3
2
5
100
0
10
20
304050
60
Ciss
Coss
Crss
10
9
8
7
6
5
4
3
2
1
0
05
10
15
20
25
30
35
VDS=50V
ID=4A
IT10024
IT10025
IT10027
IT10028
VDS=10V
f=1MHz
VGS=0V
Ta=
--25
°C
75
°C
0.1
1.0
23
5
7
23
5
7
10
100
5
3
2
7
5
3
2
IT10026
td(off)
td(on)
VDD=50V
VGS=10V
tf
tr
IT10030
IT10029
25
°C
0
20
40
60
80
100
120
140
160
0.5
0
1.0
1.5
2.0
2.5
3.0
0.1
23
5 7
23
1.0
57
2 3
10
57
2 3
100
57
2
0.1
7
5
3
2
0.01
0.01
2
1.0
7
5
3
2
10
7
5
3
2
2
3
2
Operation in this
area is limited by RDS(on).
IDP=16A
ID=4A
<10
µs
yfs -- ID
Drain Current, ID -- A
Drain Current, ID -- A
IS -- VSD
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Qg -- VGS
PD -- Ta
Total Gate Charge, Qg -- nC
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
A S O
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm2!0.8mm)
Ambient Temperature, Ta --
°C
Mounted
on
a ceramic
board
(1200mm
2!
0.8mm)
PW
≤
10s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com