Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB128AA70AW8 Datasheet(PDF) 29 Page - STMicroelectronics

Part # M69KB128AA70AW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA70AW8 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M69KB128AA70AW8 Datasheet HTML 25Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 26Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 27Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 28Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 29Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 30Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 31Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 32Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
M69KB128AA
7 Configuration registers
29/68
Figure 7.
Set Configuration Register (Software Method)
1.
Only the Bus Configuration Register (BCR) and the Refresh Configuration Register (RCR) can be modified.
2.
To program the BCR or the RCR on last bus write cycle, DQ0-DQ15 must be set to ‘0001h’ and ‘0000’ respectively.
3.
The highest order address location is not modified during this operation.
4.
The control signal E must be toggled as shown in the above figure.
Figure 8.
Read Configuration Register (Software Method)
1.
To read the BCR, RCR or DIDR on last bus read cycle, DQ0-DQ15 must be set to ‘0001h’, ‘0000’ and ‘0002’ respectively.
2.
The highest order address location is not modified during this operation.
3.
The control signal E must be toggled as shown in the above figure.
Addr.
7FFFFFh
E
G
W
LB, UB
AI09469f
7FFFFFh
7FFFFFh
7FFFFFh
DQ0-DQ15
(2)
Configuration
Register Data
tEHEL2
tEHEL2
tEHEL2
Addr.
7FFFFFh
E
G
W
LB, UB
AI09470f
7FFFFFh
7FFFFFh
7FFFFFh
DQ0-DQ15
(1)
Configuration
Register Data
tEHEL2
tEHEL2
tEHEL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com