Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB128AA70AW8 Datasheet(PDF) 32 Page - STMicroelectronics

Part # M69KB128AA70AW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA70AW8 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M69KB128AA70AW8 Datasheet HTML 28Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 29Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 30Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 31Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 32Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 33Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 34Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 35Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
7 Configuration registers
M69KB128AA
32/68
Table 9.
Bus Configuration Register Definition
Address
Bits
Bus
Configuration
Register Bits
Name
Value
Description
A15
BCR15
Operating Mode
Bit
0
Synchronous Mode (NOR Flash or Full
Synchronous Mode)
1
Asynchronous Mode (Default)
A14
BCR14
Latency Type
0
Variable Latency (Default)
1
Fixed Latency
A13-A11
BCR13-
BCR11
Latency Counter
Bits
010
3 Clock Cycles
011
4 Clock Cycles (Default)
100
5 Clock Cycles
101
6 Clock Cycles
110
7 Clock Cycles
Other Configurations Reserved(1)
1.
Programming the BCR with reserved value will force the device to use the default register settings.
A10
BCR10
WAIT Polarity Bit
0
WAIT Active Low
1
WAIT Active High (default).See Figure 10:
WAIT Polarity.
A9
-
-
Must be set to ‘0’ Reserved(1)
A8
BCR8
Wait
Configuration Bit
0
WAIT Asserted During Delay (see Figure 9:
WAIT Configuration Example).
1
WAIT Asserted One Clock Cycle Before Delay
(Default)
A7-A6
-
-
Must be set to ‘0’ Reserved(1)
A5-A4
BCR5-BCR4
Driver Strength
Bits
00
Full Drive
01
1/2 Drive (Default)
10
1/4 Drive
11
Reserved(1)
A3
BCR3
Burst Wrap Bit
0Wrap
1
No Wrap (Default)
A2-A0
BCR2-BCR0
Burst Length Bit
001
4 Words
010
8 Words
011
16 Words
100
32 Words
111
Continuous Burst (default)
Other Configurations Reserved(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com