Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB128AA70AW8 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M69KB128AA70AW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA70AW8 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M69KB128AA70AW8 Datasheet HTML 26Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 27Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 28Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 29Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 30Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 31Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 32Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 33Page - STMicroelectronics M69KB128AA70AW8 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
7 Configuration registers
M69KB128AA
30/68
7.3
Bus Configuration Register
The Bus Configuration Register (BCR) defines how the PSRAM interacts with the system
memory bus. All the device operating modes are configured through the BCR, except the Page
mode which is configured through the RCR.
Refer to Table 9 for the description of the Bus Configuration Register Bits.
7.3.1
Operating Mode Bit (BCR15)
The Operating Mode bit allows the Synchronous mode or the Asynchronous mode (default
setting) to be selected. Selecting the Synchronous mode will allow the device to operate either
in NOR Flash mode or in full Synchronous Burst mode.
The device will automatically detect that the NOR Flash mode is being used by monitoring a
rising edge of the Clock signal, K, when L is Low. If this should not be the case, the device
operates in full Synchronous mode.
7.3.2
Latency Type (BCR14)
The Latency Type bit is used to configure the latency type. When the Latency Type bit is set to
‘0’, the device operates in variable latency mode (only available for Synchronous Read mode).
When it is ‘1’, the fixed latency mode is selected and the latency is defined by the values of bits
BCR13 to BCR11.
Refer to Table 3 and Table 4 for examples of fixed and variable latency configuration.
7.3.3
Latency Counter Bits (BCR13-BCR11)
The Latency Counter bits are used to set the number of clock cycles between the beginning of
a read or write operation and the first data output or input.
The Latency Counter bits can only assume the values shown in Table 9: Bus Configuration
Register Definition (see also Figure 3 and Figure 4).
7.3.4
WAIT Polarity Bit (BCR10)
The WAIT Polarity bit indicates whether the WAIT output signal is active High or Low. As a
consequence, it also determines whether the WAIT signal requires a pull-up or pull-down
resistor to maintain the de-asserted state (see Figure 10: WAIT Polarity).
By default, the WAIT output signal is active High.
7.3.5
WAIT Configuration Bit (BCR8)
The system memory microcontroller uses the WAIT signal to control data transfer during
Synchronous Burst Read and Write operations.
The WAIT Configuration bit is used to determine when the transition of the WAIT output signal
between the asserted and the deasserted state occurs with respect to valid data available on
the data bus. When the Wait Configuration bit is set to ‘0’, data is valid or invalid on the first
Clock rising edge immediately after the WAIT signal transition to the deasserted or asserted
state. When the Wait Configuration bit is set to ‘1’ (default settings), the WAIT signal transition
occurs one clock cycle prior to the data bus going valid or invalid.
See Figure 9: WAIT Configuration Example for an example of WAIT configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com