Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB128AA85CW8 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M69KB128AA85CW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA85CW8 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M69KB128AA85CW8 Datasheet HTML 15Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 16Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 17Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 18Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 19Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 20Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 21Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 22Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
M69KB128AA
6 Synchronous operating modes
19/68
6.2
Full Synchronous mode
In Full Synchronous mode, the device performs read and write operations synchronously.
Synchronous Read and Write operations are performed at Word level.
The initial Burst Read and Write access latches the Burst start address. The number of Words
to be output or input during Synchronous Read and Write operations is controlled by bits 0 to 2
of the BCR.
During Burst Read and Write operations, the first data will be output after a number of clock
cycles defined by the Latency value.
Programming the registers (BCR and RCR) and reading the registers (BCR, RCR and DIDR)
can be performed using the CR controlled method in Full Synchronous mode.
Full Synchronous operations are described in Table 7: Full Synchronous mode.
6.3
Synchronous Burst Read and Write
During Synchronous Burst Read or Write operations, addresses are latched on the rising edge
of the Clock K when L is Low and data are latched on the rising edge of K. The Write Enable,
W, signal indicates whether the operation is going to be a read (W=VIH) or a write (W=VIL).
The WAIT output will be asserted as soon as a Synchronous Burst operation is initiated and will
be deasserted to indicate when data are to be transferred to (or from) the memory array.
The Burst Length is the number of Words to be output or input during a Synchronous Burst
Read or Write operation. It can be configured as 4, 8, 16 or 32 Words or continuous through bit
BCR0 to BCR2 or the Burst Configuration Register. The Latency defines the number of clock
cycles between the beginning of a Burst Read operation and the first data output (counting from
the first Clock edge where L was detected Low) or between the beginning of a Burst Write
operation and the first data input. The Latency can be set through bits BCR13 to BCR11 of the
Bus Configuration Register (see Table 4: Operating Frequency versus Latency).
The latency can also be configured to fixed or variable by programming bit BCR14. By default,
the Latency Type is set to variable.
Synchronous Read operations are performed in both fixed and variable latency mode while
Synchronous Write operations are only performed with fixed latency.
See Figure 24, Note 1, and Figure 30, Note 31, for details on Synchronous Read and Write AC
waveforms, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com