Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB128AA85CW8 Datasheet(PDF) 35 Page - STMicroelectronics

Part # M69KB128AA85CW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA85CW8 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M69KB128AA85CW8 Datasheet HTML 31Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 32Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 33Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 34Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 35Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 36Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 37Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 38Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
M69KB128AA
7 Configuration registers
35/68
7.4
Refresh Configuration Register
The role of the Refresh Configuration Register (RCR) is:
●
to define how the self refresh of the PSRAM array is performed,
●
to select the Deep Power-Down mode,
●
to enable Page Read operations.
Refer to Table 11 for the description of the Refresh Configuration Register Bits.
7.4.1
Page Mode Operation Bit (RCR7)
The Page Mode operation bit determines whether the Asynchronous Page Read mode is
enabled. At power-up, the RCR7 bit is set to ‘0’, and the Asynchronous Page Read mode is
disabled.
7.4.2
Deep Power-Down Bit (RCR4)
The Deep Power-Down bit enables or disables all refresh-related operations. The Deep Power-
Down mode is enabled when the RCR4 bit is set to ‘0’, and remains enabled until this bit is set
to ‘1’. At power-up, the Deep Power-Down mode is disabled.
See the Section 4.2: Deep Power-Down for more details.
7.4.3
Partial Array Refresh Bits (RCR2-RCR0)
The Partial Array Refresh bits allow refresh operations to be restricted to a portion of the total
PSRAM array. The refresh options can be full array, one half, one quarter, one eighth or none of
the array. These memory areas can be located either at the top or bottom of the memory array.
By default, the full memory array is refreshed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com