Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB128AA85CW8 Datasheet(PDF) 31 Page - STMicroelectronics

Part # M69KB128AA85CW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA85CW8 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M69KB128AA85CW8 Datasheet HTML 27Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 28Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 29Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 30Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 31Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 32Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 33Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 34Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
M69KB128AA
7 Configuration registers
31/68
7.3.6
Driver Strength Bits (BCR5-BCR4)
The Driver Strength bits allow to set the output drive strength to adjust to different data bus
loading. Normal driver strength (full drive) and reduced driver strength (half drive and a quarter
drive) are available.
By default, outputs are configured at ‘half drive” strength.
7.3.7
Burst Wrap Bit (BCR3)
Burst Read operations can be confined inside the 4, 8, 16 or 32 Word boundary (wrap) or
allowed to step across the boundary (no wrap). The Burst Wrap bit is used to select between
‘wrap’ and ‘no wrap’. If the Burst Wrap bit is set to ‘1’ (no wrap), the device outputs data
sequentially regardless of burst boundaries. When Continuous Burst operation is selected, the
internal address switches to 000000h if the read address passes the last address. By default,
Burst wrap is disabled (see also Table 10: Burst Type Definition).
7.3.8
Burst Length Bits (BCR2-BCR0)
The Burst Length bits set the number of Words to be output or input during a Synchronous
Burst Read or Write operation. They can be set for 4 Words, 8 Words, 16 Words, 32 Words or
Continuous Burst (default settings), where all the Words are output or input sequentially
regardless of address boundaries (see also Table 10: Burst Type Definition).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com