Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCAL6408ABSHP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCAL6408ABSHP
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408ABSHP Datasheet(HTML) 4 Page - NXP Semiconductors

  PCAL6408ABSHP Datasheet HTML 1Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 2Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 3Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 4Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 5Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 6Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 7Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 8Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and
configuration registers
3 Ordering information
Package
Type number
Topside
marking Name
Description
Version
PCAL6408ABS L8A
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads;
16 terminals; body 3 × 3 × 0.85 mm
SOT758-1
PCAL6408APW PL6408A TSSOP16
plastic thin shrink small outline package; 16 leads; body width
4.4 mm
SOT403-1
PCAL6408AHK L8
XQFN16
plastic, extremely thin quad flat package; no leads; 16 terminals;
body 1.80 × 2.60 × 0.50 mm
SOT1161-1
PCAL6408AEX L8
XFBGA16[1] plastic, extremely thin fine-pitch ball grid array package; 16 balls;
body 1.6 × 1.6 × 0.5 mm
SOT1354-1
PCAL6408AEX1 18X[2]
X2QFN16
plastic, thermal enhanced super thin quad flat package; no leads;
16 terminals; 1.6 mm x 1.6 mm x 0.35 mm body
SOT1896-1
Table 1. Ordering information
[1]
XFBGA16 package is discontinued with lifetime buy November 2016; new designs must use X2QFN16 package.
[2]
"X" rotates from 1 to 5 and indicates the work week of the indicated month
3.1 Ordering options
Type number
Orderable part
number
Package
Packing method
Minimum
order quantity
Temperature
PCAL6408ABS
PCAL6408ABSHP
HVQFN16
Reel 13" Q2/T3
*standard mark SMD
6000
Tamb = -40 °C to +85 °C
PCAL6408APW
PCAL6408APWJ
TSSOP16
Reel 13" Q1/T1
*standard mark SMD
2500
Tamb = -40 °C to +85 °C
PCAL6408AHK
PCAL6408AHKX
XQFN16
Reel 7" Q1/T1
*standard mark SMD
4000
Tamb = -40 °C to +85 °C
PCAL6408AEX
PCAL6408AEXX
XFBGA16[1] Reel 7" Q1/T1
*standard mark SMD
5000
Tamb = -40 °C to +85 °C
PCAL6408AEX1
PCAL6408AEX1Z
X2QFN16
Reel 7" Q2/T1
*standard mark SMD
5000
Tamb = -40 °C to +85 °C
Table 2. Ordering options
[1]
XFBGA16 package is discontinued with lifetime buy November 2016; new designs must use X2QFN16 package.
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.3 — 14 October 2024
Document feedback
4 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com