Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCAL6408ABSHP Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCAL6408ABSHP
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408ABSHP Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCAL6408ABSHP Datasheet HTML 40Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 41Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 42Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 43Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 44Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 45Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 46Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 47Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and
configuration registers
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1354-1
- - -
- - -
- - -
sot1354-1_po
13-03-26
13-08-27
Unit
mm
max
nom
min
0.5 0.15
0.205 1.7
1.7
1.2 0.15
0.08
A
Dimensions (mm are the original dimensions)
XFBGA16: plastic, extremely thin fine-pitch ball grid array package; 16 balls
A1
A2
0.35
0.10
0.175 1.6
1.6
0.4
0.34
b
D
E
e
e1
1.2
0.05
0.145 1.5
1.5
0.33
e2
v
w
0.05
y
y1
0.1
SOT1354-1
0
scale
2 mm
X
detail X
A
E
B
D
ball A1
index area
e2
e
e1
e
A
C
B
Ø v
C
Ø w
b
C
y
C
y1
ball A1
index area
A
B
C
D
2
1
4
3
A
A2
A1
Figure 39. Package outline SOT1354-1 (XFBGA16)
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.3 — 14 October 2024
Document feedback
44 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com