Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCAL6408ABSHP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCAL6408ABSHP
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408ABSHP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCAL6408ABSHP Datasheet HTML 9Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 10Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 11Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 12Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 13Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 14Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 15Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 16Page - NXP Semiconductors PCAL6408ABSHP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and
configuration registers
cleared, assuming there were no additional input(s) that have changed, and bit 4 of the input port register reads
‘1’. The next read of the input port register bit 4 should now read ‘0’.
An interrupt remains active when a non-latched input simultaneously switches state with a latched input and
then returns to its original state. A read of the input port register reflects only the change of state of the latched
input and also clears the interrupt. The interrupt is not cleared if the input latch register changes from latched to
non-latched configuration.
If the input pin is changed from latched to non-latched input, a read from the input port register reflects the
current port logic level. If the input pin is changed from non-latched to latched input, the read from the input port
register reflects the latched logic level.
Bit
7
6
5
4
3
2
1
0
Symbol
L7
L6
L5
L4
L3
L2
L1
L0
Default
0
0
0
0
0
0
0
0
Table 13. Input latch register (address 42h)
7.4.7 Pull-up/pull-down enable register (43h)
This register allows the user to enable or disable pull-up/pull-down resistors on the I/O pins. Setting the bit to
logic 1 enables the selection of pull-up/pull-down resistors. Setting the bit to logic 0 disconnects the pull-up/pull-
down resistors from the I/O pins. Also, the resistors are disconnected when the outputs are configured as open-
drain outputs (see Section 7.4.11). Use the pull-up/pull-down selection registers to select either a pull-up or pull-
down resistor.
Bit
7
6
5
4
3
2
1
0
Symbol
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
Default
0
0
0
0
0
0
0
0
Table 14. Pull-up/pull-down enable register (address 43h)
7.4.8 Pull-up/pull-down selection register (44h)
The I/O port can be configured to have pull-up or pull-down resistor by programming the pull-up/pull-down
selection register. Setting a bit to logic 1 selects a 100 kΩ pull-up resistor for that I/O pin. Setting a bit to logic
0 selects a 100 kΩ pull-down resistor for that I/O pin. If the pull-up/down feature is disconnected, writing to this
register has no effect on I/O pin. Typical value is 100 kΩ with minimum of 50 kΩ and maximum of 150 kΩ.
Bit
7
6
5
4
3
2
1
0
Symbol
PUD7
PUD6
PUD5
PUD4
PUD3
PUD2
PUD1
PUD0
Default
1
1
1
1
1
1
1
1
Table 15. Pull-up/pull-down selection register (address 44h)
7.4.9 Interrupt mask register (45h)
Interrupt mask register is set to logic 1 upon power-on, disabling interrupts during system start-up. Interrupts
may be enabled by setting corresponding mask bits to logic 0. If an input changes state and the corresponding
bit in the Interrupt mask register is set to 1, the interrupt is masked and the interrupt pin (INT) is not asserted. If
the corresponding bit in the Interrupt mask register is set to 0, the interrupt pin is asserted.
When an input changes state and the resulting interrupt is masked (interrupt mask bit is 1), setting the input
mask register bit to 0 causes the interrupt pin to be asserted. If the interrupt mask bit of an input that is currently
the source of an interrupt is set to 1, the interrupt pin is de-asserted.
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.3 — 14 October 2024
Document feedback
13 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com