Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN1R2-80ASE Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PSMN1R2-80ASE
Description  N-channel, 80 V, 1.18 mOhm, MOSFET with enhanced SOA in CCPAK1212 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN1R2-80ASE Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PSMN1R2-80ASE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Nexperia
PSMN1R2-80ASE
N-channel, 80 V, 1.18 mOhm, MOSFET with enhanced SOA in CCPAK1212 package
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25 °C ≤ Tj ≤ 175 °C
-
80
V
VDGR
drain-gate voltage
25 °C ≤ Tj ≤ 175 °C; RGS = 20 kΩ
-
80
V
VGS
gate-source voltage
-20
20
V
Ptot
total power dissipation
Tmb = 25 °C; Fig. 1
-
935
W
VGS = 10 V; Tmb = 25 °C; Fig. 2
-
375
A
ID
drain current
VGS = 10 V; Tmb = 100 °C; Fig. 2
-
375
A
IDM
peak drain current
pulsed; tp ≤ 10 µs; Tmb = 25 °C; Fig. 3
-
2347
A
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Tsld(M)
peak soldering
temperature
-
260
°C
Source-drain diode
IS
source current
Tmb = 25 °C
-
375
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
2347
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-
source avalanche energy
ID = 109 A; Vsup ≤ 80 V; RGS = 50 Ω;
VGS = 10 V; Tj(init) = 25 °C; unclamped;
tp = 230 µs; Fig. 4
[1]
-
1300
mJ
IAS
non-repetitive avalanche
current
Vsup = 80 V; VGS = 10 V; Tj(init) = 25 °C;
RGS = 50 Ω; Fig. 4
[1]
-
109
A
[1] Protected by 100% test
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0
Fig. 1. Normalized total power dissipation as a
function of mounting base temperature
aaa-040962
0
25
50
75
100 125 150 175 200
0
100
200
300
400
500
600
Tmb (°C)
ID
ID
(A)
(A)
(1)
(1)
VGS ≥ 10 V
(1) 375 A continuous current has been successfully
demonstrated during application tests. Practically
the current will be limited by PCB, thermal design
and operating temperature.
Fig. 2. Continuous drain current as a function of
mounting base temperature
PSMN1R2-80ASE
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
29 October 2024
3 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com