Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN1R2-80ASE Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PSMN1R2-80ASE
Description  N-channel, 80 V, 1.18 mOhm, MOSFET with enhanced SOA in CCPAK1212 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN1R2-80ASE Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PSMN1R2-80ASE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Nexperia
PSMN1R2-80ASE
N-channel, 80 V, 1.18 mOhm, MOSFET with enhanced SOA in CCPAK1212 package
aaa-040963
10-1
1
10
102
1
10
102
103
104
VDS (V)
ID
ID
(A)
(A)
DC
DC
100 ms
100 ms
10 ms
10 ms
1 ms
1 ms
100 µs
100 µs
tp = 10 µs
tp = 10 µs
DC
DC
100ms
100ms
10ms
10ms
1ms
1ms
100us
100us
10us
10us
Limit RDSon = VDS / ID
Limit RDSon = VDS / ID
Tmb = 25 °C (solid black line); Tmb = 125 °C (red dashed line); IDM is a single pulse
Fig. 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
aaa-040964
10-3
10-2
10-1
1
10
10-1
1
10
102
103
tAL (ms)
IAL
IAL
(A)
(A)
(1)
(1)
(2)
(2)
(3)
(3)
(1) Tj (init) = 25 °C; (2) Tj (init) = 150 °C; (3) Repetitive Avalanche
Fig. 4. Avalanche rating; avalanche current as a function of avalanche time
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from
junction to mounting
base
Fig. 5
-
0.123 0.16
K/W
Fig. 6
-
58
-
K/W
Rth(j-a)
thermal resistance from
junction to ambient
Fig. 7
-
29
-
K/W
PSMN1R2-80ASE
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
29 October 2024
4 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com