Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN1R2-80ASE Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PSMN1R2-80ASE
Description  N-channel, 80 V, 1.18 mOhm, MOSFET with enhanced SOA in CCPAK1212 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN1R2-80ASE Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PSMN1R2-80ASE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nexperia
PSMN1R2-80ASE
N-channel, 80 V, 1.18 mOhm, MOSFET with enhanced SOA in CCPAK1212 package
aaa-040404
10-6
10-5
10-4
10-3
10-2
10-1
1
10-3
10-2
10-1
1
tp (s)
Zth(j-mb)
Zth(j-mb)
(K/W)
(K/W)
single shot
single shot
δ = 0.5
δ = 0.5
0.2
0.2
0.1
0.1
0.05
0.05
0.02
0.02
P
t
tp
T
tp
δ = T
Fig. 5. Transient thermal impedance from junction to mounting base as a function of pulse duration
aaa-040397
70 μm thick Copper on FR4 board
Fig. 6. PCB layout with minimum footprint for thermal
resistance from junction to ambient
aaa-040398
Copper area 25.4mm square; 70 μm thick on FR4
board
Fig. 7. PCB layout for thermal resistance from junction
to ambient
PSMN1R2-80ASE
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
29 October 2024
5 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com