Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIIPM50E06D004 Datasheet(PDF) 14 Page - International Rectifier

Part # PIIPM50E06D004
Description  Programmable Isolated IPM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM50E06D004 Datasheet(HTML) 14 Page - International Rectifier

Back Button PIIPM50E06D004 Datasheet HTML 10Page - International Rectifier PIIPM50E06D004 Datasheet HTML 11Page - International Rectifier PIIPM50E06D004 Datasheet HTML 12Page - International Rectifier PIIPM50E06D004 Datasheet HTML 13Page - International Rectifier PIIPM50E06D004 Datasheet HTML 14Page - International Rectifier PIIPM50E06D004 Datasheet HTML 15Page - International Rectifier PIIPM50E06D004 Datasheet HTML 16Page - International Rectifier PIIPM50E06D004 Datasheet HTML 17Page - International Rectifier PIIPM50E06D004 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
www.irf.com
14
PIIPM50P12B004
I27146 01/03
acts as a buffer of the partition at 3.30V created
down the 5V reference. This 3.30V is used also
as reference for the DSP A/D converter. It has to
be noted that in the schematic we are using the
same linear regulator as a starting point for all
reference voltages. In fact if the 5V linear
regulator drifts in temperature or time, then all
references (even the 3.30V being this a simple
partitioning) follow in track and still keep the
overall chain precision. The trimming is then
done only once, in a single point of the
measuring chain, that is the conditioning op-amp
collecting the current sensing ICs signal as will
then be described in the following chapter.
3. Current sensing interfaces, over-current
protections and signal conditioning.
This block is the real critical point of the system.
Current measuring performances directly impact
on motor control performances in a servo
application: errors in current evaluation, delay in
its measuring chain or poor overall precision of
the system, such as scarce references or lower
number of significant A/D bits, inevitably results
in unwanted trembling and unnatural noise
coming from the motor while running at lower
speed or at blocked shaft conditions.
In the PI-IPM50P12B004 the current sensing
function is done through three sensing resistors
dropout measurement, one on each output phase,
with the benefit of a lower area and somewhat a
lower cost compared to the well-known Hall
effect devices. This solution has the added value
of having the shunts element embedded in the
power module with all Kelvin connections
available, avoiding any noise due to long routing
of power paths.
As the block schematic on page 2 shows, the
voltage across each sensing resistor is applied,
through an anti-aliasing 400kHz filter, at the
input of a current sense IC and then to a signal
conditioning circuit.
Though the block schematic here shows an Op-
Amp plus an external passive filter this is simply
realized implementing a VCVS cell (i.e. a
Constant Gain or Sallen – Key cell) configured
so that the offset and gain is easily trimmed by
three on board resistors. The filter implemented
is a second order Bessel with 5.5kHz pole
frequency, the reason for this is that this type of
polynomials are calculated with the aim of
having a constant group delay within the pass-
band frequencies, thus giving the minimum
waveform distortion to the output signal up to
almost twice the filter pole. In other words we
could also say that the group delay of the signal
chain from the sensing resistor up to the ADC
input of the DSP is constant from 0 to 5.5kHz.
Signal outputted from the overall chain has a 0 to
+3.30V dynamic, with a sensing resistor of
2mohms the input measured current range is +/-
100A then we have a situation as follows:
V
A
V
A
V
A
30
.
3
100
65
.
1
00
.
0
0
.
0
100
=
+
=
=
−
Summing
up
our
current
measurements
performances are shown in the following table:
The
“2406A”
DSP
has
a
10bit
ADC,
consequently the PI-IPM50P12B004 has a
minimum
appreciable
current
step
of
approximately:
Α
=
=
1953
.
0
2
100
*
2
10
LSB
that is:
mA
LSB 195
1
≅
The over current protection is provided also
through the current sensing ICs, the related fault
signal is activated when a 250mV voltage across
PI-IPM Current sensing chain typical
performances
Value
Units
current range
+/- 100
A
Gain and Offset
precision
+/- 1.8
%
Bandwidth
5.5
kHz
latency time
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com