| Electronic Components Datasheet Search |
|
DCS-7304XFM-R Datasheet(PDF) 40 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
DCS-7304XFM-R Datasheet(HTML) 40 Page - Arista Networks, Inc |
|
40 / 66 page ![]() Off Module failed or is improperly inserted. Green Supervisor operating normally. Status Red Module failed. Off Supervisor is not active. Active Green Supervisor is active and controlling the switch. Component Activity Status LEDs LEDs located below the vents and left of the input ports display summary indicators for power supplies, fabric modules, fan modules, and line cards. Table 10: Component Activity LED States interprets the states of these indicators. When error conditions are indicated, refer to LEDs on the specified modules to determine the condition’s source. Table 10: Component Activity LED States LED Name LED State Module State Off No modules are present or powered. Green All powered modules are operating normally. Power Supply Line Card Fabric Module Red At least one module has failed. Off Module not inserted. Amber At least one fan is missing or has failed. Green All modules are operating normally. Fan Modules Red There are insufficient functional fans installed in the switch. A.2 Line Card Module Indicators Each line card module provides one status LED plus LEDs for each port on the card. The figures in Line Cards indicate the location of the LEDs on each line card. Figure A-2-left displays the status LED and Port LEDs on the left side of the DCS-7300X-64S-LC line card. Figure A-2-right displays the status LED and Port LEDs on the left side of the DCS-7300X-32Q-LC line card. 36 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |