Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7304XFM-R Datasheet(PDF) 31 Page - Arista Networks, Inc

Part # DCS-7304XFM-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304XFM-R Datasheet(HTML) 31 Page - Arista Networks, Inc

Back Button DCS-7304XFM-R Datasheet HTML 27Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 28Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 29Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 30Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 31Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 32Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 33Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 34Page - Arista Networks, Inc DCS-7304XFM-R Datasheet HTML 35Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
Powering the Modular Switch
Commercially available 2 to 4 AWG wire is recommended for installations in the U.S.
Wire size should meet local and national installation requirements.
Grounding wires and grounding lugs are not supplied.
Strip the wires to the appropriate length for the lugs.
The wires connecting the DC power supply to the power source must meet the following
requirements:
DC Input Wire Size: 2 – 4 AWG (33.6 mm
2 to 21.2 mm2).
Primary Ground Wire Size: 2 – 4 AWG (33.6 mm
2 to 21.2 mm2) per power supply.
The conductors are copper.
1
-48V + RTN lug
5
5/16”
9
5/8”
2
Insulated wire
6
Heat-shrink tubing
10
1/2”
3
Insulated wire
7
Heat-shrink tubing
4
Ground lug (right angle) 8
1/4”
Figure 20: Lugs Wiring Terminations
Figure 21: Ground Lug Wiring Termination (PWR-2700W-DC-R)
1
Insulated wire
3
5/16”
2
Ground lug (right angle) 4
Heat-shrink tubing
Note: You can also use a 45° angled connector instead of the straight connector shown.
2. Use agency-approved compression (pressure) lugs for wiring terminations with a single 5/16"
mounting hole. Two-hole lugs should have 1/4" mounting holes on 5/8" centers.
The PWR-2700W-DC-R ground lug is a right-angle lug. Check the terminations for the appropriate
wire size. Use a ground wire of at least 2 – 4 AWG. Use only copper wire.
3. Slip on heat-shrink tubing on the wire ends before assembling the lugs on to the wire.
The lugs must be crimped with the proper tool.
The tubing should extend over the lug’s barrel and the wire's insulator.
4. Shrink the tubing with a heat gun.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com