Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5988 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5988
Description  4A step-down switching regulator with synchronous rectification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988 Datasheet(HTML) 3 Page - STMicroelectronics

  L5988 Datasheet HTML 1Page - STMicroelectronics L5988 Datasheet HTML 2Page - STMicroelectronics L5988 Datasheet HTML 3Page - STMicroelectronics L5988 Datasheet HTML 4Page - STMicroelectronics L5988 Datasheet HTML 5Page - STMicroelectronics L5988 Datasheet HTML 6Page - STMicroelectronics L5988 Datasheet HTML 7Page - STMicroelectronics L5988 Datasheet HTML 8Page - STMicroelectronics L5988 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
L5988
Technical characteristics
3/10
1
Technical characteristics
The L5988D is a synchronous step down monolithic power switching regulator capable of
delivering up to 4A. The input voltage can range from 2.9V to 18V.
Thanks to the very short minimum ON time, the device is able to manage extremely low duty
cycles, allowing very low output voltages. Requiring a minimum set of external components, the
device includes an internal 400 KHz switching frequency oscillator that can be externally
adjusted up to 1MHz. The regulator can provide 100% duty-cycle. A multifunction pin allows to
enable-disable the sink mode current capability after soft-start, to enable-disable the latch
mode for the OVP and to set the UVLO threshold for the 3.3V BUS and 12V BUS. The current
limit can be externally adjusted to fit the application requirements. The current is sensed during
both the on-time and the off-time and so the protection is effective with both very low or very
high duty-cycle and/or with high switching frequency. The HTSSOP16 package with exposed
pad allows reducing the RthJA to 40°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com