Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5988 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5988
Description  4A step-down switching regulator with synchronous rectification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988 Datasheet(HTML) 4 Page - STMicroelectronics

  L5988 Datasheet HTML 1Page - STMicroelectronics L5988 Datasheet HTML 2Page - STMicroelectronics L5988 Datasheet HTML 3Page - STMicroelectronics L5988 Datasheet HTML 4Page - STMicroelectronics L5988 Datasheet HTML 5Page - STMicroelectronics L5988 Datasheet HTML 6Page - STMicroelectronics L5988 Datasheet HTML 7Page - STMicroelectronics L5988 Datasheet HTML 8Page - STMicroelectronics L5988 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Pin connections and functions
L5988
4/10
2
Pin connections and functions
Figure 1.
Pin connection ( Top view)
Table 1.
Pin functions
No Pin
Name
Description
2,3,4
VCC
Unregulated DC input voltage.
1,16
VOUT
Regulator output.
13,14,15
GND
Ground.
9
SYNCH
It is a Master-Slave pin. Two or more devices can be synchronized by simply connecting the
SYNCH pins together. The device operating with the highest FSW will be the Master. The
Slave devices will operate with 180° phase shift from the Master.
10
FSW
Connecting an external resistor from this pin to GND, the external frequency can be increased
up to 1 MHz. Connecting an external resistor from this pin to VREF (1.8V), the switching
frequency can be decreased down to 200 KHz. If the pin is left open, the default switching
frequency is 400 KHz. The pin voltage is 1.2V. In OVP the pin is pulled up to 3.3V (only in
latched mode).
8FB
This pin is connected to the error amplifier inverting input. Connect it to the output resistor
divider (if used) or directly to Vout. This pin is also used to sense the output voltage in order to
manage the over voltage condition.
6COMP
This pin is connected to the error amplifier output and is used to compensate the voltage
control feedback loop.
5
SS/INH
The soft-start time is programmed connecting an external capacitor from this pin and GND.
The internal current generator forces a current of 22
µA through the capacitor. When the
voltage at this pin is lower than 0.65V the device is disabled.
12
VREF
Internally regulated voltage of 1.8V. It is used to provide a voltage reference for the
multifunction pin. Filter this pin to ground with at least 1
µF ceramic cap.
7ILIM-ADJ
Connecting a resistor between this pin and GND it is possible to increase the over current
protection threshold. Connecting a resistor between this pin and VREF it is possible to
decrease the over current protection threshold.
11
S/O/U
Multifunction pin. Depending on the voltage level at the input, with this pin it is possible:
– to enable-disable the sink mode current capability after soft-start;
– to enable-disable the latch mode for the OVP;
– to set the UVLO threshold for the 3.3V BUS and 12V BUS. (2.4V and 8V respectively);
The device continuously checks the analog value present at this pin and sets the
function according with the measured voltage.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VOUT
VCC
VCC
VCC
SS/INH
COMP
FB
SYNCH
FSW
OUS
VREF
GND
GND
GND
VOUT
ILIM-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com